Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR431ARM Datasheet(PDF) 21 Page - Analog Devices

Part # ADR431ARM
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR431ARM Datasheet(HTML) 21 Page - Analog Devices

Back Button ADR431ARM Datasheet HTML 16Page - Analog Devices ADR431ARM Datasheet HTML 17Page - Analog Devices ADR431ARM Datasheet HTML 18Page - Analog Devices ADR431ARM Datasheet HTML 19Page - Analog Devices ADR431ARM Datasheet HTML 20Page - Analog Devices ADR431ARM Datasheet HTML 21Page - Analog Devices ADR431ARM Datasheet HTML 22Page - Analog Devices ADR431ARM Datasheet HTML 23Page - Analog Devices ADR431ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. B | Page 21 of 24
ORDERING GUIDE
Initial
Accuracy
Model
Output
Voltage (VO)
mV
(%)
Temperature
Coefficient
Package
(ppm/°C)
Package
Description
Parts
per Reel
Branding
Temperature
Range
ADR430AR
2.048
3
0.15
10
8-lead SOIC
N/A
–40°C to +125°C
ADR430AR-REEL7
2.048
3
0.15
10
8-Lead SOIC
3,000
–40°C to +125°C
ADR430ARM
2.048
3
0.15
10
8-Lead MSOP
N/A
RHA
–40°C to +125°C
ADR430ARM-REEL7
2.048
3
0.15
10
8-Lead MSOP
1,000
RHA
–40°C to +125°C
ADR430BR
2.048
1
0.05
3
8-lead SOIC
N/A
–40°C to +125°C
ADR430BR-REEL7
2.048
1
0.05
3
8-Lead SOIC
3,000
–40°C to +125°C
ADR431AR
2.500
3
0.12
10
8-Lead SOIC
N/A
–40°C to +125°C
ADR431AR-REEL7
2.500
3
0.12
10
8-Lead SOIC
3,000
–40°C to +125°C
ADR431ARM
2.500
3
0.12
10
8-Lead MSOP
N/A
RJA
–40°C to +125°C
ADR431ARM-REEL7
2.500
3
0.12
10
8-Lead MSOP
1,000
RJA
–40°C to +125°C
ADR431BR
2.500
1
0.04
3
8-Lead SOIC
N/A
–40°C to +125°C
ADR431BR-REEL7
2.500
1
0.04
3
8-Lead SOIC
3,000
–40°C to +125°C
ADR433AR
3.000
4
0.12
10
8-Lead SOIC
N/A
–40°C to +125°C
ADR433AR-REEL7
3.000
4
0.12
10
8-Lead SOIC
3,000
–40°C to +125°C
ADR433ARM
3.000
4
0.12
10
8-Lead MSOP
N/A
RKA
–40°C to +125°C
ADR433ARM-REEL7
3.000
4
0.12
10
8-Lead MSOP
1,000
RKA
–40°C to +125°C
ADR433BR
3.000
1.5
0.05
3
8-Lead SOIC
N/A
–40°C to +125°C
ADR433BR-REEL7
3.000
1.5
0.05
3
8-Lead SOIC
3,000
–40°C to +125°C
ADR434AR
4.096
5
0.13
10
8-Lead SOIC
N/A
–40°C to +125°C
ADR434AR-REEL7
4.096
5
0.13
10
8-Lead SOIC
3,000
–40°C to +125°C
ADR434ARM
4.096
5
0.13
10
8-Lead MSOP
N/A
RLA
–40°C to +125°C
ADR434ARM-REEL7
4.096
5
0.13
10
8-Lead MSOP
1,000
RLA
–40°C to +125°C
ADR434BR
4.096
1.5
0.04
3
8-Lead SOIC
N/A
–40°C to +125°C
ADR434BR-REEL7
4.096
1.5
0.04
3
8-Lead SOIC
3,000
–40°C to +125°C
ADR435AR
5.000
6
0.12
10
8-Lead SOIC
N/A
–40°C to +125°C
ADR435AR-REEL7
5.000
6
0.12
10
8-Lead SOIC
3,000
–40°C to +125°C
ADR435ARM
5.000
6
0.12
10
8-Lead MSOP
N/A
RMA
–40°C to +125°C
ADR435ARM-REEL7
5.000
6
0.12
10
8-Lead MSOP
1,000
RMA
–40°C to +125°C
ADR435BR
5.000
2
0.04
3
8-Lead SOIC
N/A
–40°C to +125°C
ADR435BR-REEL7
5.000
2
0.04
3
8-Lead SOIC
3,000
–40°C to +125°C
ADR439AR
4.500
5.4
0.12
10
8-Lead SOIC
N/A
–40°C to +125°C
ADR439AR-REEL7
4.500
5.4
0.12
10
8-Lead SOIC
3,000
–40°C to +125°C
ADR439ARM
4.500
5.4
0.12
10
8-Lead MSOP
N/A
RNA
–40°C to +125°C
ADR439ARM-REEL7
4.500
5.4
0.12
10
8-Lead MSOP
1,000
RNA
–40°C to +125°C
ADR439BR
4.500
2
0.04
3
8-Lead SOIC
N/A
–40°C to +125°C
ADR439BR-REEL7
4.500
2
0.04
3
8-Lead SOIC
3,000
–40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com