Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP22D4UFA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP22D4UFA
Description  ESD Protected Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP22D4UFA Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP22D4UFA Datasheet HTML 1Page - Diodes Incorporated DMP22D4UFA Datasheet HTML 2Page - Diodes Incorporated DMP22D4UFA Datasheet HTML 3Page - Diodes Incorporated DMP22D4UFA Datasheet HTML 4Page - Diodes Incorporated DMP22D4UFA Datasheet HTML 5Page - Diodes Incorporated DMP22D4UFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP22D4UFA
Document number: DS35766 Rev. 2 - 2
2 of 6
www.diodes.com
May 2012
© Diodes Incorporated
DMP22D4UFA
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 5) VGS = -4.5V
Steady
State
TA = 25°C
TA = 70°C
ID
-330
-260
mA
t<10s
TA = 25°C
TA = 70°C
ID
-400
-310
mA
Continuous Drain Current (Note 5) VGS = -1.8V
Steady
State
TA = 25°C
TA = 70°C
ID
-250
-200
mA
t<10s
TA = 25°C
TA = 70°C
ID
-310
-240
mA
Pulsed Drain Current (Note 6)
IDM
-800
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
Steady state
PD
400
mW
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
310
°C/W
t<10s
220
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
@Tc = 25°C
IDSS
-
-
100
nA
VDS = -16V, VGS = 0V
-
-
50
VDS = -5V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±5V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.4
-
-1.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
1.2
1.9
Ω
VGS = -4.5V, ID = -100mA
-
1.5
2.4
VGS = -2.5V, ID = -50mA
-
2.1
3.4
VGS = -1.8V, ID = -20mA
-
2.5
5
VGS = -1.5V, ID = -10mA
-
4.0
-
VGS = -1.2V, ID = -1mA
Forward Transfer Admittance
|Yfs|
100
450
-
mS
VDS = -5V, ID = -125mA
Diode Forward Voltage
VSD
-
-0.6
-1.0
V
VGS = 0V, IS = -10mA
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
28.7
-
pF
VDS = -15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
4.2
-
pF
Reverse Transfer Capacitance
Crss
-
2.9
-
pF
Gate Resistance
RG
-
0.4
-
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge
Qg
-
0.4
-
nC
VGS = -4.5V, VDS =- 10V,
ID = -250mA
Gate-Source Charge
Qgs
-
0.08
-
nC
Gate-Drain Charge
Qgd
-
0.06
-
nC
Turn-On Delay Time
tD(on)
-
5.8
-
ns
VDD = -15V, VGS = -4.5V,
RG = 2Ω, ID = -200mA
Turn-On Rise Time
tr
-
5.7
-
ns
Turn-Off Delay Time
tD(off)
-
31.1
-
ns
Turn-Off Fall Time
tf
-
16.4
-
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6. Device mounted on minimum recommended pad layout test board, 10
μs pulse duty cycle = 1%.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com