Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP22D4UFA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP22D4UFA
Description  ESD Protected Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP22D4UFA Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP22D4UFA Datasheet HTML 1Page - Diodes Incorporated DMP22D4UFA Datasheet HTML 2Page - Diodes Incorporated DMP22D4UFA Datasheet HTML 3Page - Diodes Incorporated DMP22D4UFA Datasheet HTML 4Page - Diodes Incorporated DMP22D4UFA Datasheet HTML 5Page - Diodes Incorporated DMP22D4UFA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP22D4UFA
Document number: DS35766 Rev. 2 - 2
4 of 6
www.diodes.com
May 2012
© Diodes Incorporated
DMP22D4UFA
0
0.2
0.4
0.6
0.8
1.0
1.2
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE( C)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
J
°
I = -250µA
D
I = -1mA
D
0
0.2
0.4
0.6
0.8
0.4
0.6
0.8
1.0
1.2
T = 25°C
A
V
, SOURCE- DRAIN VOLTAGE (V)
Fig. 8 Diodes Forward Voltage vs. Current
SD
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 9 Typical Junction Capacitance
DS
f = 1MHz
C
iss
Coss
Crss
0
10
20
30
40
50
02
4
6
8
10
1
10
100
1,000
0
4
6
8
10
12
14
16
18
20
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 10 Typical Leakage Current vs.
Drain-Source Voltage
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = -25°C
A
2
Q , TOTAL GATE CHARGE (nC)
Fig. 11 Gate Charge Characteristics
G
0
1
2
3
4
5
0
2
4
6
8
1012
1416
18
V
= 10V, I = -4.5A
DS
D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com