| Electronic Components Datasheet Search |
|
YMF754-R Datasheet(PDF) 31 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
YMF754-R Datasheet(HTML) 31 Page - YAMAHA CORPORATION |
|
31 / 60 page ![]() YMF754 June 28, 1999 -31- 2. ISA Compatible Device DS-1E contains the following functions to maintain the compatibility with the past ISA Sound Devices. These devices are considered Legacy devices and the functions are referred to as Legacy Audio. Legacy Audio is independent from PCI Audio and can be used simultaneously. The configuration is set in the Legacy Audio Control Register in the PCI Configuration Register space. Basically, these registers are configured by the BIOS. Also, logical device IDs are assigned to the devices to support Plug and Play. Yamaha defines the following logical IDs. To control the device with the BIOS, the logical device IDs must be defined in the PnP BIOS extended ROM space. The logical IDs are determined by how it is configured. IDs and configuration are as follows. Functions used (Block) Logical Device ID FM (*) MPU401 SB Pro (*) Joystick YMH0100 O O O YMH0101 O YMH0102 O YMH0103 O YMH010A O O * The blocks pertain to the following. FM: Points to the FM synthesizer mapped to AdLibBase (0x0388). SB Pro: Points to the Voice Playback section only. These devices are independent from each other, and can be Enabled/Disabled individually. However, both AdLib and Sound Blaster must be disabled to disable the internal FM Synthesizer. Disabling just AdLib only masks the access. The driver by Yamaha supports logical device ID, YMH0100, YMH0102, YMH0103 and YMH010A. For YMH0101, use the driver provided by Microsoft. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |