Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YMF754-R Datasheet(PDF) 44 Page - YAMAHA CORPORATION

Part # YMF754-R
Description  DS-1E
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMF754-R Datasheet(HTML) 44 Page - YAMAHA CORPORATION

Back Button YMF754-R Datasheet HTML 40Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 41Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 42Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 43Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 44Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 45Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 46Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 47Page - YAMAHA CORPORATION YMF754-R Datasheet HTML 48Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
YMF754
June 28, 1999
-44-
3. DMA Emulation Protocol
The former synthesizer LSI for the ISA bus such as the Sound Blaster used the DMA controller (8237: ISA
DMAC) on the system to transfer the sound data from/to the host.
For DS-1E, however, ISA DMAC must be used to transfer the sound data to the Sound Blaster Pro Block of
the Legacy Audio Block.
Because signals to connect to the ISA DMAC are generally not available on the PCI bus, there are two ways
proposed from the industry to emulate the ISA DMAC on the PCI bus. One is PC/PCI and the other is D-
DMA.
DS-1E supports both protocols for transferring SB Pro sound data on the PCI bus.
3-1. PC/PCI
DS-1E provides two signals, PCREQ# and PCGNT# to realize the PC/PCI.
The format of the signals is
shown below.
DS-1E asserts PCREQ# and sets PCREQ# to “HIGH” using the PCICLK corresponding to
the DMA channel it is going to use.
In addition, DS-1E determines whether the next PCI I/O cycle is its own from the channel information that is
encoded in PCGNT#.
start
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
start
bit0
bit1
bit2
0ns
100ns
200ns
300ns
400ns
PCICLK
REQ#
GNT#
PCGNT# is encoded as follows.
GNT# Encoding
bit2
bit1
bit0
GNT# Bits
00
0
DMA Channel 0
00
1
DMA Channel 1
01
0
DMA Channel 2
01
1
DMA Channel 3
10
0
Reserved
10
1
DMA Channel 5
11
0
DMA Channel 6
11
1
DMA Channel 7
DS-1E supports only 8-bit DMA channels (DMA Channel 0-3).
It also only supports Single DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com