Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477 Datasheet(HTML) 1 Page - Texas Instruments

  ADCS7477 Datasheet HTML 1Page - Texas Instruments ADCS7477 Datasheet HTML 2Page - Texas Instruments ADCS7477 Datasheet HTML 3Page - Texas Instruments ADCS7477 Datasheet HTML 4Page - Texas Instruments ADCS7477 Datasheet HTML 5Page - Texas Instruments ADCS7477 Datasheet HTML 6Page - Texas Instruments ADCS7477 Datasheet HTML 7Page - Texas Instruments ADCS7477 Datasheet HTML 8Page - Texas Instruments ADCS7477 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CONTROL
LOGIC
SUCCESSIVE
APPROXIMATION
ADC
SCLK
CS
SDATA
VIN
T/H
ADCS7476
ADCS7477
ACDS7478
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADCS7476, ADCS7477, ADCS7478
SNAS192G – APRIL 2003 – REVISED MAY 2016
ADCS747x 1-MSPS, 12-Bit, 10-Bit, and 8-Bit A/D Converters
1
1 Features
1
•
Variable Power Management
•
Packaged in 6-Pin SOT-23
•
Power Supply Used as Reference
•
Single 2.7-V to 5.25-V Supply Operation
•
Compatible With SPI™, QSPI™, MICROWIRE™,
and DSP
•
Key Specifications
–
Resolution With No Missing Codes (12-Bit, 10-
Bit, and 8-Bit)
–
Conversion Rate: 1 MSPS
–
DNL: 0.5, –0.3 LSB (Typical)
–
INL: ±0.4 LSB (Typical)
–
Power Consumption:
–
3-V Supply: 2 mW (Typical)
–
5-V Supply: 10 mW (Typical)
2 Applications
•
Automotive Navigation
•
FA or ATM Equipment
•
Portable Systems
•
Medical Instruments
•
Mobile Communications
•
Instrumentation and Control Systems
3 Description
The ADCS7476, ADCS7477, and ADCS7478 devices
are low power, monolithic CMOS 12-, 10-, and 8-bit
analog-to-digital converters that operate at 1 MSPS.
The ADCS747x devices are a drop-in replacement for
Analog Device's AD747x. Each device is based on a
successive approximation register architecture with
internal
track-and-hold.
The
serial
interface
is
compatible with several standards, such as SPI,
QSPI, MICROWIRE, and many common DSP serial
interfaces.
The ADCS747x uses the supply voltage as a
reference, enabling the device to operate with a full-
scale input range of 0 to VDD. The conversion rate is
determined from the serial clock (SCLK) speed.
These converters offer a shutdown mode, which can
be used to trade throughput for power consumption.
The ADCS747x is operated with a single supply that
can range from 2.7 V to 5.25 V. Normal power
consumption during continuous conversion, using a
3-V or 5-V supply, is 2 mW or 10 mW respectively.
The power-down feature, which is enabled by a chip
select (CS) pin, reduces the power consumption to
under 5 µW using a 5-V supply. All three converters
are available in a 6-pin SOT-23 package, which
provides an extremely small footprint for applications
where space is a critical consideration. These
products
are
designed
for
operation
over
the
automotive
and
extended
industrial
temperature
range of
−40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADCS7476
ADCS7477
ADCS7478
SOT-23 (6)
1.60 mm × 2.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Similar Part No. - ADCS7477

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADCS7477 NSC-ADCS7477 Datasheet
514Kb / 22P
1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7477 NSC-ADCS7477 Datasheet
499Kb / 24P
1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
logo
Texas Instruments
ADCS7477 TI1-ADCS7477 Datasheet
1Mb / 30P
ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
logo
National Semiconductor ...
ADCS7477AIMF NSC-ADCS7477AIMF Datasheet
514Kb / 22P
1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
ADCS7477AIMF NSC-ADCS7477AIMF Datasheet
499Kb / 24P
1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
More results

Similar Description - ADCS7477

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
AD7523 INTERSIL-AD7523 Datasheet
99Kb / 9P
8-Bit, Multiplying D/A Converters
August 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
8-Bit, 20MHz CMOS A/D Converters
logo
Integrated Circuit Syst...
MN5120 ICST-MN5120 Datasheet
1Mb / 8P
8-bit A/D Converters
logo
National Semiconductor ...
DAC0807 NSC-DAC0807 Datasheet
222Kb / 10P
8-Bit D/A Converters
logo
List of Unclassifed Man...
MN5100 ETC1-MN5100 Datasheet
1Mb / 6P
High-speed 8-bit A/D Converters
logo
API Technologies Corp
MN3000 APITECH-MN3000 Datasheet
1Mb / 4P
High-accuracy 8-bit D/A Converters
MN5120 APITECH-MN5120 Datasheet
1Mb / 8P
8-bit A/D Converters
logo
National Semiconductor ...
DAC0808 NSC-DAC0808 Datasheet
195Kb / 10P
8-Bit D/A Converters
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com