Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADCS7477
Description  8-Bit A/D Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADCS7477 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADCS7477 Datasheet HTML 6Page - Texas Instruments ADCS7477 Datasheet HTML 7Page - Texas Instruments ADCS7477 Datasheet HTML 8Page - Texas Instruments ADCS7477 Datasheet HTML 9Page - Texas Instruments ADCS7477 Datasheet HTML 10Page - Texas Instruments ADCS7477 Datasheet HTML 11Page - Texas Instruments ADCS7477 Datasheet HTML 12Page - Texas Instruments ADCS7477 Datasheet HTML 13Page - Texas Instruments ADCS7477 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
ADCS7476, ADCS7477, ADCS7478
SNAS192G – APRIL 2003 – REVISED MAY 2016
www.ti.com
Product Folder Links: ADCS7476 ADCS7477 ADCS7478
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Timing Requirements (continued)
–40°C
≤ TA ≤ 85°C, VDD = 2.7 V to 5.25 V, and fSCLK = 20 MHz (unless otherwise noted)
(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
(4)
Measured with the load circuit (Figure 1), and defined as the time taken by the output to cross 1 V or 2 V.
(5)
t8 is derived from the time taken by the outputs to change by 0.5 V with the loading circuit (Figure 1). The measured number is then
adjusted to remove the effects of charging or discharging the 25-pF capacitor. This means t8 is the true bus relinquish time, independent
of the bus loading.
t4
Data access time after SCLK falling edge(4)
VDD = 2.7 V to 3.6 V
40
ns
VDD = 4.75 V to 5.25 V
20
ns
t5
SCLK low pulse width
0.4 × tSCLK
ns
t6
SCLK high pulse width
0.4 × tSCLK
ns
t7
SCLK to data valid hold time
VDD = 2.7 V to 3.6 V
7
ns
VDD = 4.75 V to 5.25 V
5
ns
t8
SCLK falling edge to SDATA high
impedance (5)
VDD = 2.7 V to 3.6 V
6
25
ns
VDD = 4.75 V to 5.25 V
5
25
ns
tPOWER-UP
Power-up time from full power down
TA = 25°C
1
µs
Figure 1. Timing Test Circuit
Figure 2. ADCS7476 Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com