Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF06P2 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LF06P2
Description  LINEARLIGHT POWER FLEX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF06P2 Datasheet(HTML) 4 Page - OSRAM GmbH

  LF06P2 Datasheet HTML 1Page - OSRAM GmbH LF06P2 Datasheet HTML 2Page - OSRAM GmbH LF06P2 Datasheet HTML 3Page - OSRAM GmbH LF06P2 Datasheet HTML 4Page - OSRAM GmbH LF06P2 Datasheet HTML 5Page - OSRAM GmbH LF06P2 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LINEARLIGHT POWER FLEX | LF06P2 | TECHNICAL DATASHEET
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect st atistical figures and do not
necessarily correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted.
Version: 2016-04-07
04
‒
Mounting surface must be clean and dry, free of oils or silicone coatings as well as dirt particle.
‒
The mounting substrate must have sufficient structural integrity. Take care to completely remove the
protective backing. Once the module is appropriately positioned, pre on the module with about 20N/cm² (refer
to application techniques of 3M adhesive transfer tapes). In difficult cas es the use of a prime may help.
‒
Maximum temperature ratings must be kept. Therefore the module must be mounted on a metal heat sink
‒
The minimum bending radius is 2 cm. The module may be bent over a smaller radius but only in regions of
the circuit board containing electronic components and such bends should be made once and fixed in
position to avoid cyclic fatigue.
‒
Bending is only allowed within the bending axis of the PCB. Bending outside of that leads to torsion which
may cause damage to the module and will lead to failure.
‒
When installing in environments with large variations in temperature (e.g. outd oor applications) and operating
length of more than 2 m, the use of adequate mounting surfaces is necessary. Otherwise it is advisable to
use an additional thicker adhesive tape to absorb the stress of any mismatch in expansion.
Complementary Systems & Accessories
SLIMCONNECT SYSTEM
Description
Product name
Order Code
Shipping details
2pin Feeder
LF-2PIN Flex SC
4008321832436
10 / 250
Jumper (board-to-board)
LF-CONN Flex SC
4008321832467
25 / 250
Extension wire 30mm
LF-WIRE-30 FLEX SC
4008321875587
100 / 10,000
Extension wire 150mm
LF-WIRE-150 FLEX SC
4008321875563
50 / 5,000
CONNECT SYSTEM
Description
Product name
Order Code
Shipping details
2pin Feeder
LF-2PIN FLEX
4008321955326
10 / 100
Jumper (10mm extension)
LF-CONN-10 FLEX
4008321955333
10 / 200
Jumper (150mm extension)
LF-CONN-150 FLEX
4008321955340
10 / 100
Termination unit for early-cutting-marks
LF-2TERM FLEX
4008321955357
10 / 200
SLIMTRACK SYSTEM
Description
Product name
Order Code
Shipping details
SLIM TRACK
LF-LTS-2100 SLIM TRACK
4008321978981
40
Mounting Bracket for SLIM TRACK
LF-LTS-MB
4008321979025
35 / 280
Clear SLIM TRACK Cover
LF-LTS COVER C
4008321790187
40
Diffuse SLIM TRACK Cover
LF-LTS-COVER-DIFFUSE
4008321979001
40
Endcap for Diffuse Cover
LF-LTS-ENDCAP
4008321979049
20 / 160
Semi-Diffuse SLIM TRACK Cover
LF-LTS COVER S
4008321790200
40



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com