Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF06P2 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LF06P2
Description  LINEARLIGHT POWER FLEX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF06P2 Datasheet(HTML) 5 Page - OSRAM GmbH

  LF06P2 Datasheet HTML 1Page - OSRAM GmbH LF06P2 Datasheet HTML 2Page - OSRAM GmbH LF06P2 Datasheet HTML 3Page - OSRAM GmbH LF06P2 Datasheet HTML 4Page - OSRAM GmbH LF06P2 Datasheet HTML 5Page - OSRAM GmbH LF06P2 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LINEARLIGHT POWER FLEX | LF06P2 | TECHNICAL DATASHEET
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect st atistical figures and do not
necessarily correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted.
Version: 2016-04-07
05
OPTOTRONIC
Recommended OPTOTRONIC® drivers
EAN
Non-dimmable
OPTOTRONIC OT 6/200-240/24 CE
4008321113269
OPTOTRONIC OT 8/200-240/24
4008321040169
OPTOTRONIC OT 20/220-240/24
4050300618111
OPTOTRONIC OT 20/120-240/24 S
4050300662626
OPTOTRONIC OT 75/220-240/24
4050300817477
OPTOTRONIC OT 75/220-240/24 E
4008321362476
OPTOTRONIC OT 80/220-240/24 P
4008321981684
OPTOTRONIC OT 120/220-240/24 P
4008321981707
OPTOTRONIC OT 240/220-240/24 P
4008321981721
Dimmable
OPTOTRONIC OT EASY 60 II
4008321187796
OPTOTRONIC OT EASY 80
4008321808363
OPTOTRONIC OT 65/220-240/24 3DIM E
4008321964403
OPTOTRONIC OTi DALI 75/220-240/24 1-4 CH
4008321371560
OPTOTRONIC OT 80/220-240/24 DIM P
4008321981677
OPTOTRONIC OT 120/220-240/24 DIM P
4008321981691
OPTOTRONIC OT 240/220-240/24 DIM P
4008321981714
Please consider that lengths may differ if further controls are installed.
Global order information
EUROPE/MEA
US/CA
LF06P2-W5F-824
4052899942769
LF06P2-W5F-827
4008321971272
L68LFE/24V/827/PF
71329
LF06P2-W5F-830
4008321971296
L68LFE/24V/830/PF
71328
LF06P2-W5F-840
4008321971319
L68LFE/24V/840/PF
71327
LF06P2-W5F-850
4008321971791
LF06P2-W5F-865
4008321971333
OT
– 24V
lA
lC
lB
Maximim length per OT:
lA + lB + lC
+ …  lmax/OT
Maximum length per strip:
lA
≤ 3,000 mm
lB
≤ 3,000 mm
lC
≤ 3,000 mm
l…
≤ 3,000 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com