Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7891IPFBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBT Datasheet(HTML) 4 Page - Texas Instruments

  ADS7891IPFBT Datasheet HTML 1Page - Texas Instruments ADS7891IPFBT Datasheet HTML 2Page - Texas Instruments ADS7891IPFBT Datasheet HTML 3Page - Texas Instruments ADS7891IPFBT Datasheet HTML 4Page - Texas Instruments ADS7891IPFBT Datasheet HTML 5Page - Texas Instruments ADS7891IPFBT Datasheet HTML 6Page - Texas Instruments ADS7891IPFBT Datasheet HTML 7Page - Texas Instruments ADS7891IPFBT Datasheet HTML 8Page - Texas Instruments ADS7891IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
4
SPECIFICATIONS Continued
TA = −40°C to 85°C, +VA = 5 V, +VBD = 5 V or 3.3 V, Vref = 2.5 V, fsample = 3 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE OUTPUT
Start-up time
From 95% (+VA), with 1-
µF storage
capacitor on REFOUT to AGND
120
msec
VREF Range
IOUT=0
2.48
2.5
2.52
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 V to 5.25 V
1
mV
Drift
IOUT = 0
25
PPM/C
DIGITAL INPUT/OUTPUT
Logic family
CMOS
VIH
IIH = 5 µA
+VBD −1
+VBD + 0.3
V
Logic level
VIL
IIL = 5 µA
−0.3
0.8
V
Logic level
VOH
IOH = 2 TTL loads
+VBD − 0.6
+VBD
V
VOL
IOL = 2 TTL loads
0
0.4
V
Data format
Straight
Binary
POWER SUPPLY REQUIREMENTS
Power supply voltage
+VBD
2.7
3.3
5.25
V
Power supply voltage
+VA
4.75
5
5.25
V
Supply current, +VA, 3 MHz sample rate
17
18
mA
Power dissipation, 3 MHz sample rate
+VA = 5 V
85
90
mW
NAP MODE
Supply current, +VA
2
3
mA
Power-up time(1)
60
nsec
POWER DOWN
Supply current, +VA
2
2.5
µA
Power down time(2)
From simulation results
10
µsec
Power up time
1-
µF Storage capacitor on REFOUT to
AGND
25
msec
Invalid conversions after power up or reset
4
Numbers
TEMPERATURE RANGE
Operating free-air
−40
85
°C
(1) Minimum acquisition time for first sampling after the end of nap state must be 60 nsec more than normal.
(2) Time required to reach level of 2.5 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com