Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7891IPFBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7891IPFBT Datasheet HTML 6Page - Texas Instruments ADS7891IPFBT Datasheet HTML 7Page - Texas Instruments ADS7891IPFBT Datasheet HTML 8Page - Texas Instruments ADS7891IPFBT Datasheet HTML 9Page - Texas Instruments ADS7891IPFBT Datasheet HTML 10Page - Texas Instruments ADS7891IPFBT Datasheet HTML 11Page - Texas Instruments ADS7891IPFBT Datasheet HTML 12Page - Texas Instruments ADS7891IPFBT Datasheet HTML 13Page - Texas Instruments ADS7891IPFBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
10
D13−6 & D5−0
D5−0
Conversion No N
Data For Conv. N
Data For Conv. N−1
CS
CONVST
BUSY
D13−D0
td1 + t(acq)
BYTE
t2
td10
td7
td8
td2
Figure 6. Read Control Via CS and RD Tied to BDGND
DEVICE OPERATION AND DATA READ IN BACK-TO-BACK CONVERSION
The following two figures illustrate device operation in back-to-back conversion mode. It is possible to operate
the device at any throughput in this mode, but this is the only mode in which the device can be operated at
throughputs exceeding 2.8 MSPS.
A conversion starts on the CONVST falling edge. The BUSY output goes high after a delay (td2). Note that care
must be taken not to abort the conversion (see Figure 4) apart from timing restrictions shown in Figure 7 and
Figure 8. The conversion ends within the conversion time, t(conv), after the CONVST falling edge. The new
acquisition can be immediately started without waiting for the BUSY signal to go low. This can be ensured with
a CONVST high pulse width that is more than or equal to (t0 – t(conv) + 10 nsec) which is tw4 for a 3-MHz operation.
Sample N
Conversion N
Data For Conversion N−1
(Data read Without Latency)
CONVST
BUSY
D13−D0
t(conv) + td11
tw4
tw5
t(acq)
td12
t0 = 333 ns for 3 MSPS Operation
Figure 7. Back-To-Back Operation With CS and RD Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com