Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1021-RTR1 Datasheet(PDF) 18 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 14Page - Texas Instruments CC1021-RTR1 Datasheet HTML 15Page - Texas Instruments CC1021-RTR1 Datasheet HTML 16Page - Texas Instruments CC1021-RTR1 Datasheet HTML 17Page - Texas Instruments CC1021-RTR1 Datasheet HTML 18Page - Texas Instruments CC1021-RTR1 Datasheet HTML 19Page - Texas Instruments CC1021-RTR1 Datasheet HTML 20Page - Texas Instruments CC1021-RTR1 Datasheet HTML 21Page - Texas Instruments CC1021-RTR1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
NOTE
The CC1020/1070DK Development Kit with a fully assembled CC1020EMX Evaluation
Module together with the CC1021 specific software should be used for evaluation of the
CC1021 transceiver.
5.4
Microcontroller Interface
Used in a typical system, CC1021 will interface to a microcontroller. This microcontroller must be able to:
•
Program CC1021 into different modes via the 4-wire serial configuration interface (PDI, PDO, PCLK
and PSEL)
•
Interface to the bi-directional synchronous data signal interface (DIO and DCLK)
•
Optionally, the microcontroller can do data encoding / decoding
•
Optionally, the microcontroller can monitor the LOCK pin for frequency lock status, carrier sense status
or other status information.
•
Optionally, the microcontroller can read back the digital RSSI value and other status information via the
4-wire serial interface.
5.4.1
Configuration Interface
The microcontroller interface is shown in Figure 5-3. The microcontroller uses 3 or 4 I/O pins for the
configuration interface (PDI, PDO, PCLK and PSEL). PDO should be connected to a microcontroller input.
PDI, PCLK and PSEL must be microcontroller outputs. One I/O pin can be saved if PDI and PDO are
connected together and a bi-directional pin is used at the microcontroller.
The microcontroller pins connected to PDI, PDO and PCLK can be used for other purposes when the
configuration interface is not used. PDI, PDO and PCLK are high impedance inputs as long as PSEL is
not activated (active low).
PSEL has an internal pullup resistor and should be left open (tri-stated by the microcontroller) or set to a
high level during power down mode in order to prevent a trickle current flowing in the pullup.
5.4.2
Signal Interface
A bi-directional pin is usually used for data (DIO) to be transmitted and data received. DCLK providing the
data timing should be connected to a microcontroller input.
As an option, the data output in receive mode can be made available on a separate pin. See Section 5.6
further details.
5.4.3
PLL Lock Signal
Optionally, one microcontroller pin can be used to monitor the LOCK signal. This signal is at low logic
level when the PLL is in lock. It can also be used for carrier sense and to monitor other internal test
signals.
Figure 5-3. Microcontroller Interface
18
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com