Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1021-RTR1 Datasheet(PDF) 82 Page - Texas Instruments

Part # CC1021-RTR1
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1021-RTR1 Datasheet(HTML) 82 Page - Texas Instruments

Back Button CC1021-RTR1 Datasheet HTML 78Page - Texas Instruments CC1021-RTR1 Datasheet HTML 79Page - Texas Instruments CC1021-RTR1 Datasheet HTML 80Page - Texas Instruments CC1021-RTR1 Datasheet HTML 81Page - Texas Instruments CC1021-RTR1 Datasheet HTML 82Page - Texas Instruments CC1021-RTR1 Datasheet HTML 83Page - Texas Instruments CC1021-RTR1 Datasheet HTML 84Page - Texas Instruments CC1021-RTR1 Datasheet HTML 85Page - Texas Instruments CC1021-RTR1 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
Not Recommended for New Designs NRND
CC1021
SWRS045D – JANUARY 2006 – REVISED JANUARY 2015
www.ti.com
6.2.4
Crystal
An external crystal with two loading capacitors (C4 and C5) is used for the crystal oscillator. See
Section 5.16 for details.
6.2.5
Additional Filtering
Additional external components (for example, RF LC or SAW filter) may be used in order to improve the
performance in specific applications. See Section 5.11 for further information.
6.2.6
Power Supply Decoupling and Filtering
Power supply decoupling and filtering must be used (not shown in the application circuit). The placement
and size of the decoupling capacitors and the power supply filtering are very important to achieve the
optimum performance for narrowband applications. TI provides a reference design that should be followed
very closely.
6.3
PCB Layout Guidelines
The top layer should be used for signal routing, and the open areas should be filled with metallization
connected to ground using several vias.
The area under the chip is used for grounding and must be connected to the bottom ground plane with
several vias. In the TI reference designs we have placed 9 vias inside the exposed die attached pad.
These vias should be “tented” (covered with solder mask) on the component side of the PCB to avoid
migration of solder through the vias during the solder reflow process.
Do not place a via underneath CC1021 at “pin #1 corner” as this pin is internally connected to the exposed
die attached pad, which is the main ground connection for the chip.
Each decoupling capacitor should be placed as close as possible to the supply pin it is supposed to
decouple. Each decoupling capacitor should be connected to the power line (or power plane) by separate
vias. The best routing is from the power line (or power plane) to the decoupling capacitor and then to the
CC1021 supply pin. Supply power filtering is very important, especially for pins 23, 22, 20 and 18.
Each decoupling capacitor ground pad should be connected to the ground plane using a separate via.
Direct connections between neighboring power pins will increase noise coupling and should be avoided
unless absolutely necessary.
The external components should ideally be as small as possible and surface mount devices are highly
recommended.
Precaution should be used when placing the microcontroller in order to avoid noise interfering with the RF
circuitry.
The recommended CC1021 PCB layout is the same as for the CC1020. A CC1020/1070DK Development
Kit with a fully assembled CC1020EMX Evaluation Module is available. It is strongly advised that this
reference layout is followed very closely in order to get the best performance. The layout Gerber files are
available from the CC1020EMX product folder.
82
Applications, Implementation, and Layout
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com