Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2510F8RHHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2510F8RHHT
Description  Low-Power SoC (System-on-Chip)
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2510F8RHHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2510F8RHHT Datasheet HTML 3Page - Texas Instruments CC2510F8RHHT Datasheet HTML 4Page - Texas Instruments CC2510F8RHHT Datasheet HTML 5Page - Texas Instruments CC2510F8RHHT Datasheet HTML 6Page - Texas Instruments CC2510F8RHHT Datasheet HTML 7Page - Texas Instruments CC2510F8RHHT Datasheet HTML 8Page - Texas Instruments CC2510F8RHHT Datasheet HTML 9Page - Texas Instruments CC2510F8RHHT Datasheet HTML 10Page - Texas Instruments CC2510F8RHHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 245 page
background image
CC2510Fx / CC2511Fx
SWRS055G
Page 7 of 236
The high speed crystal oscillator must
be used when the radio is active.
• Clock source for ultra-low power
operation can be either a low-power RC
oscillator or an optional 32.768 kHz
crystal oscillator
• Very fast transition to active mode from
power modes enables ultra low average
power consumption in low duty-cycle
systems
2.8
2.4 GHz Radio with Baseband Modem
• Based on the industry leading
CC2500
radio core
• Few external components: On-chip
frequency synthesizer, no external filters
or RF switch needed
• Flexible support for packet oriented
systems: On-chip support for sync word
detection,
address
check,
flexible
packet
length,
and
automatic
CRC
handling
• Supports use of DMA for both RX and
TX
resulting
in
minimal
CPU
intervention even on high data rates
• Programmable channel filter bandwidth
• 2-FSK, GFSK and MSK supported
• Optional automatic whitening and de-
whitening of data
• Programmable Carrier Sense (CS)
indicator
• Programmable
Preamble
Quality
Indicator for detecting preambles and
improved protection against sync word
detection in random noise
• Support for automatic Clear Channel
Assessment (CCA) before transmitting
(for listen-before-talk systems
• Support for per-package Link Quality
Indication (LQI)
• Suited for systems targeting compliance
with EN 300 328, EN 300 440, FCC
CFR47 Part 15 and ARIB STD-T-66
• When transmitting in band 2480 -
2483.5 MHz under FCC, duty-cycling or
reducing output power might be needed
CC2511F8 - Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com