Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83256 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 14Page - National Semiconductor (TI) DP83256 Datasheet HTML 15Page - National Semiconductor (TI) DP83256 Datasheet HTML 16Page - National Semiconductor (TI) DP83256 Datasheet HTML 17Page - National Semiconductor (TI) DP83256 Datasheet HTML 18Page - National Semiconductor (TI) DP83256 Datasheet HTML 19Page - National Semiconductor (TI) DP83256 Datasheet HTML 20Page - National Semiconductor (TI) DP83256 Datasheet HTML 21Page - National Semiconductor (TI) DP83256 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 144 page
background image
30 Functional Description (Continued)
34 CONFIGURATION SWITCH
The Configuration Switch consists of a set of multiplexers
and latches which allow the PLAYERa device to configure
the data paths without any external logic The Configuration
Switch is controlled through the Configuration Register
(CR)
The Configuration Switch has four internal buses
the
A
Request bus the B
Request bus the Receive bus and
the PHY
Invalid bus The two Request buses can be driv-
en by external input data connected to the external PHY
Port interface The Receive bus is internally connected to
the Receive Block of the PLAYERa device while the
PHY
Invalid bus has a fixed 10-bit SMT PHY Invalid con-
nection (LSU) pattern (1 0011 1010) which is useful during
the connection process
The configuration switch also has three internal multiplex-
ers each can select any of the four buses to connect to its
respective data path The first two are PHY Port interface
output data paths A
Indicate and B
Indicate that can
drive output data paths of the external PHY Port interface
The third output data path is connected internally to the
Transmit Block
The Configuration Switch is the same on the DP83256 de-
vice the DP83256-AP device and the DP83257 device
However the DP83257 has two PHY Port interfaces con-
nected to the Configuration Switch whereas the DP83256
and DP83256-AP have one set of PHY port interfaces The
DP83257 uses the A
Request and A
Indicate paths as
one PHY Port interface and the B
Request and B
Indi-
cate paths as the other PHY Port interface (See
Figure 3-8 )
The DP83256 and DP83256-AP having one port interface
use the B
Request and A
Indicate paths as its external
port
The A
Request and B
Indicate paths of the
DP83256 and DP83256-AP are null connections and are not
used by the device (See
Figure 3-9 )
TLF11708 – 11
FIGURE 3-8 Configuration Switch
Block Diagram for DP83257
TLF11708 – 12
FIGURE 3-9 Configuration Switch
Block Diagram for DP83256
and DP83256-AP
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com