Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83256 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83256 Datasheet HTML 17Page - National Semiconductor (TI) DP83256 Datasheet HTML 18Page - National Semiconductor (TI) DP83256 Datasheet HTML 19Page - National Semiconductor (TI) DP83256 Datasheet HTML 20Page - National Semiconductor (TI) DP83256 Datasheet HTML 21Page - National Semiconductor (TI) DP83256 Datasheet HTML 22Page - National Semiconductor (TI) DP83256 Datasheet HTML 23Page - National Semiconductor (TI) DP83256 Datasheet HTML 24Page - National Semiconductor (TI) DP83256 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
30 Functional Description (Continued)
CONCENTRATOR CONFIGURATIONS
There are 2 types of concentrators Single Attach and Dual
Attach These concentrators can be designed with or with-
out MAC(s) The configuration is determined based upon its
type and the number of active MACs in the concentrator
Using the PLAYERa device a concentrator can be built
with many different configurations without any external log-
ic
The DP83256 DP83256-AP and DP83257 can be used to
build a Single Attach concentrator
See Application Note AN-675 Designing FDDI concentra-
tors and Application Note AN-741 Differentiating FDDI con-
centrators for further information
Concepts
A concentrator is comprised of 2 parts the Dual Ring Con-
nect portion and the Master Ports
The Dual Ring Connection portion connects the concentra-
tor to the dual ring directly or to another concentrator If the
concentrator is connected directly to the dual ring it is a
part of the ‘‘Dual Ring of Trees’’ If the concentrator is con-
nected to another concentrator it is a ‘‘Branch’’ of the
‘‘Dual Ring of Trees’’
The Master Ports connect the concentrator to its ‘‘Slaves’’
or S-class Single Attach connections A slave could be a
Single Attach Station or another concentrator (thus forming
another Branch of the Dual Ring Tree)
When a MAC in a concentrator is connected to the primary
or secondary ring it is required to be situated at the exit port
of that ring (ie its PH
IND is connected to the IND Inter-
face of the last Master Port in the concentrator (PHY
Mn)
that is connected to that ring)
A concentrator can have two MACs one connected to the
primary ring and one to the secondary ring In addition rov-
ing MACs can be included in the concentrator configuration
A roving MAC can be used to test the stations connected to
the concentrator before allowing them to join the dual ring
This may require external multiplexers if used in conjunc-
tion with two other MAC layers
Single Attach Concentrator
A Single Attach concentrator is a concentrator that has only
one PHY at the dual ring connect side It cannot therefore
be connected directly to the dual ring A Single Attach con-
centrator is a branch to the dual ring tree It is connected to
the ring as a slave of another concentrator
Multiple Single Attach concentrators can be connected to-
gether hierarchically to build a multiple levels of branches in
a dual ring
The Single Attach concentrator can be connected to either
the primary or secondary ring depending on the connection
with its concentrator (the concentrator that it is connected
to as a slave)
Figure 3-15 shows a Single Attach concentrator with a sin-
gle MAC
Dual Attach Concentrator
A Dual Attach concentrator is a concentrator that has two
PHYs on the dual ring connect side It is connected directly
to the dual ring and is a part of the dual ring tree
The Dual Attach concentrator is connected to both the pri-
mary and secondary rings
Dual Attach Concentrator with Single MAC
Figure 3-16 shows a Dual Attach concentrator with a single
MAC
Because the concentrator has one MAC it can only transmit
and receive frames on the ring to which the MAC is con-
nected The concentrator can only repeat frames on the
other ring
Dual Attach Concentrator with Dual MACs
Figure 3-17 shows a Dual Attach concentrator with dual
MACs
Because the concentrator has two MACs it can transmit
and receive frames on both the primary and secondary
rings
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com