Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5K2E02 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AM5K2E02
Description  AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5K2E02 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM5K2E02 Datasheet HTML 4Page - Texas Instruments AM5K2E02 Datasheet HTML 5Page - Texas Instruments AM5K2E02 Datasheet HTML 6Page - Texas Instruments AM5K2E02 Datasheet HTML 7Page - Texas Instruments AM5K2E02 Datasheet HTML 8Page - Texas Instruments AM5K2E02 Datasheet HTML 9Page - Texas Instruments AM5K2E02 Datasheet HTML 10Page - Texas Instruments AM5K2E02 Datasheet HTML 11Page - Texas Instruments AM5K2E02 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 252 page
background image
AM5K2E04, AM5K2E02
SPRS864D – NOVEMBER 2012 – REVISED MARCH 2015
www.ti.com
3
Device Characteristics
Table 3-1 provides an overview of the AM5K2E0x device. The table shows the significant features of the
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count.
Table 3-1. Characteristics of the AM5K2E0x Processor
HARDWARE FEATURES
AM5K2E02
AM5K2E04
ARM Cortex A15 Cores
2
4
ARM L1 instruction cache memory size (per core)
32KB
ARM Cores
ARM L1 data cache memory size (per core)
32KB
ARM L2 unified cache memory size (shared by all cores)
4MB
DDR3 memory controller (72-bit bus width) [1.5 V/1.35V] (clock source =
1
DDRREFCLKN|P)
EDMA3 (64 independent channels) [CPU/3 clock rate]
5
Hyperlink
1
USB 3.0
2
USIM(1)
1
I2C
3
SPI
3
Peripherals
PCIe (2 lanes per instance)
2
UART
2
10/100/1000/10000 Ethernet ports
0
2
10/100/1000 Ethernet ports
8
8
Management Data Input/Output (MDIO)
3
64-bit timers (configurable)
Twelve 64-bit or Twenty four 32-bit
General-Purpose Input/Output port (GPIO)
32
TSIP
1
Packet Accelerator
1
Accelerators
Security Accelerator(2)
1
2MB MSM SRAM
On-Chip L3 Memory
Organization
256 KB L3 ROM
JTAG BSDL_ID
JTAGID Register (address location: 0x02620018)
0x0B9A_602F
1.25 GHz
Frequency
ARM-A15 Processor
1.4 GHz
Core (V)
SmartReflex variable supply
Voltage
I/O (V)
1.35 V, 1.5 V, 1.8 V, and 3.3 V
27 mm x 27 mm
1089-Pin Flip-Chip Plastic BGA
BGA Package
(ABD)
Process Technology
nm
28 nm
Product Status(3)
Product Preview (PP), Advance Information (AI), or Production Data (PD)
PD
(1)
The USIM is implemented for support of secure devices only. Contact your local technical sales representative for further details.
(2)
The Security Accelerator function is subject to export control and will be enabled only for approved device shipments.
(3)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
8
Device Characteristics
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5K2E04 AM5K2E02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com