Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5K2E02 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AM5K2E02
Description  AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5K2E02 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AM5K2E02 Datasheet HTML 12Page - Texas Instruments AM5K2E02 Datasheet HTML 13Page - Texas Instruments AM5K2E02 Datasheet HTML 14Page - Texas Instruments AM5K2E02 Datasheet HTML 15Page - Texas Instruments AM5K2E02 Datasheet HTML 16Page - Texas Instruments AM5K2E02 Datasheet HTML 17Page - Texas Instruments AM5K2E02 Datasheet HTML 18Page - Texas Instruments AM5K2E02 Datasheet HTML 19Page - Texas Instruments AM5K2E02 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 252 page
background image
AM5K2E04, AM5K2E02
SPRS864D – NOVEMBER 2012 – REVISED MARCH 2015
www.ti.com
4.1
Features
The key features of the Quad Core ARM CorePac are as follows:
•
One or more Cortex-A15 processors, each containing:
–
Cortex-A15 processor revision R2P4.
–
ARM architecture version 7 ISA.
–
Multi-issue, out-of-order, superscalar pipeline.
–
L1 and L2 instruction and data cache of 32KB, 2-way, 16 word line with 128-bit interface.
–
Integrated L2 cache of 4MB, 16-way, 16-word line, 128-bit interface to L1 along with ECC/parity.
–
Includes the NEON media coprocessor (NEON™), which implements the advanced SIMDv2 media
processing architecture and the VFPv4 Vector Floating Point architecture.
–
The external interface uses the AXI protocol configured to 128-bit data width.
–
Includes the System Trace Macrocell (STM) support for non-invasive debugging.
–
Implements the ARMv7 debug with watchpoint and breakpoint registers and 32-bit advanced
peripheral bus (APB) slave interface to CoreSight™ debug systems.
•
Interrupt controller
–
Supports up to 480 interrupt requests
–
An integrated Global Time Base Counter (clocked by the SYSCLK divided by 6)
•
Emulation/debug
–
Compatible with CoreSight™ architecture
4.2
System Integration
The ARM CorePac integrates the following group of submodules.
•
Cortex-A15 Processors: Provides a high processing capability, including the NEON™ technology for
mobile multimedia acceleration. The Cortex-A15 communicates with the rest of the ARM CorePac
through an AXI bus with an AXI2VBUSM bridge and receives interrupts from the ARM CorePac
interrupt controller (ARM INTC).
•
Interrupt Controller: Handles interrupts from modules outside of the ARM CorePac (for details, see
Section 4.3.3).
•
Clock Divider: Provides the required divided clocks to the internal modules of the ARM CorePac and
has a clock input from the Main PLL.
•
In-Circuit Emulator: Fully compatible with CoreSight™ architecture and enables debugging
capabilities.
4.3
ARM Cortex-A15 Processor
4.3.1
Overview
The ARM Cortex-A15 processor incorporates the technologies available in the ARM7™ architecture.
These technologies include NEON™ for media and signal processing and Jazelle™ RCT for acceleration
of real-time compilers, Thumb®-2 technology for code density, and the VFPv4 floating point architecture.
For details, see the ARM Cortex-A15 Processor Technical Reference Manual.
4.3.2
Features
Table 4-1 shows the features supported by the Cortex-A15 processor core.
Table 4-1. Cortex-A15 Processor Core Supported Features
FEATURES
DESCRIPTION
ARM version 7-A ISA
Standard Cortex-A15 processor instruction set + Thumb2, ThumbEE, JazelleX Java accelerator, and
media extensions
Backward compatible with previous ARM ISA versions
16
ARM CorePac
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5K2E04 AM5K2E02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com