Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM26C32MFKB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM26C32MFKB
Description  AM26C32 Quadruple Differential Line Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C32MFKB Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM26C32MFKB Datasheet HTML 3Page - Texas Instruments AM26C32MFKB Datasheet HTML 4Page - Texas Instruments AM26C32MFKB Datasheet HTML 5Page - Texas Instruments AM26C32MFKB Datasheet HTML 6Page - Texas Instruments AM26C32MFKB Datasheet HTML 7Page - Texas Instruments AM26C32MFKB Datasheet HTML 8Page - Texas Instruments AM26C32MFKB Datasheet HTML 9Page - Texas Instruments AM26C32MFKB Datasheet HTML 10Page - Texas Instruments AM26C32MFKB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
TEST CIRCUIT
Device
Under
Test
G Input
G Input
VCC
S1
RL = 1 kΩ
CL = 50 pF
(see Note A)
VID = ±2.5 V
VOLTAGE WAVEFORMS
tPZL, tPLZ Measurement: S1 to VCC
tPZH, tPHZ Measurement: S1 to GND
1.3 V
G
G
(see Note B)
Output
(with VID = 2.5 V)
Output
(with VID = −2.5 V)
tPZH
tPHZ
tPZH
tPHZ
tPZL
tPLZ
tPZL
tPLZ
VOH −0.5 V
VOL + 0.5 V
VOH −0.5 V
VOL + 0.5 V
3 V
0 V
3 V
0 V
VOH
VOL
VOH
VOL
1.3 V
50%
50%
A Input
B Input
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
Output
VOH
VOL
10%
90%
90%
10%
tTLH
tTHL
tPLH
tPHL
2.5 V
−2.5 V
50%
Input
Device
Under
Test
A
B
VCC
CL = 50 pF
(see Note A)
Input
AM26C32
www.ti.com
SLLS104K – DECEMBER 1990 – REVISED JUNE 2015
7 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
Figure 2. Switching Test Circuit and Voltage Waveforms
A.
CL includes probe and jig capacitance.
B.
The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle
≤ 50%, tr = tf
= 6 ns.
Figure 3. Enable/Disable Time Test Circuit and Output Voltage Waveforms
Copyright © 1990–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: AM26C32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com