Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83820 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83820
Description  10/100/1000 Mb/s PCI Ethernet Network Interface Controller
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83820 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83820 Datasheet HTML 3Page - National Semiconductor (TI) DP83820 Datasheet HTML 4Page - National Semiconductor (TI) DP83820 Datasheet HTML 5Page - National Semiconductor (TI) DP83820 Datasheet HTML 6Page - National Semiconductor (TI) DP83820 Datasheet HTML 7Page - National Semiconductor (TI) DP83820 Datasheet HTML 8Page - National Semiconductor (TI) DP83820 Datasheet HTML 9Page - National Semiconductor (TI) DP83820 Datasheet HTML 10Page - National Semiconductor (TI) DP83820 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
7
www.national.com
2.0 Pin Descriptions (Continued)
Note: DP83820 supports NM27LV010 for the ROM interface device.
MWRN
94
O
BIOS ROM/Flash Write: During a BIOS ROM/Flash access, this signal is
used to enable data to be written to the Flash device.
MRDN
93
O
BIOS ROM/Flash Read: During a BIOS ROM/Flash access, this signal is
used to enable data to be read from the Flash device.
Clock Interface
Symbol
Pin No(s)
Direction
Description
X1
122
I
Crystal/Oscillator Input: This pin is the primary clock reference input for the
DP83820 IC and must be connected to a 25MHz 0.005% (50ppm) clock source.
The DP83820 device supports either an external crystal resonator connected
across pins X1 and X2, or an external CMOS-level oscillator source connected
to pin X1 only.
X2
121
O
Crystal Output: This pin is used in conjunction with the X1 pin to connect to an
external 25MHz crystal resonator device. This pin must be left unconnected if
an external CMOS oscillator clock source is utilized. For more information see
the definition for pin X1.
Phy And General Purpose Interface
Symbol
Pin No(s)
Direction
Description
GP1DUP
131
I/O
General Purpose Pin 1 or Duplex Status: By default, this pin can be used to
input the Full Duplex status from an external Phy. The pin can also be
programmed as a general purpose I/O. This pin pad has an internal weak pull
up.
GP2
127
I/O
General Purpose Pin 2: This pin is a general purpose I/O pin that can be
programmed as an input or output. This pin has an internal weak pull up.
GP3
128
I/O
General Purpose Pin 3: This pin is a general purpose I/O pin that can be
programmed as an input or output. This pin has an internal weak pull up.
GP4
129
I/O
General Purpose Pin 4: This pin is a general purpose I/O pin that can be
programmed as an input or output. This pin has an internal weak pull up.
GP5
130
I/O
General Purpose Pin 5: This pin is a general purpose I/O pin that can be
programmed as an input or output. This pin has an internal weak pull up.
PHYLNK
132
I
Phy Link Status: This can be used to input the Phy Link Status. This allows the
value to be read back from the MAC register space.
SPD100
133
I
100 Mb/s Speed Status: This can be used to input the 100 Mb/s Speed Status
from an external phy. This is used along with the SPD1000 bit to determine
current speed status of the Phy.
SPD1000
134
I
1000 Mb/s Speed Status: This can be used to input the 1000 Mb/s Speed
Status from an external phy. This is used along with the SPD100 bit to
determine current speed status of the Phy.
PHYRSTN
172
O
Phy Reset: This pin can be used to reset an External Phy.
BIOS ROM/Flash Interface
Symbol
Pin No(s)
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com