Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7614EB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7614EB
Description  Quad, Serial Input, 12-Bit, Voltage Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7614EB Datasheet(HTML) 3 Page - Texas Instruments

  DAC7614EB Datasheet HTML 1Page - Texas Instruments DAC7614EB Datasheet HTML 2Page - Texas Instruments DAC7614EB Datasheet HTML 3Page - Texas Instruments DAC7614EB Datasheet HTML 4Page - Texas Instruments DAC7614EB Datasheet HTML 5Page - Texas Instruments DAC7614EB Datasheet HTML 6Page - Texas Instruments DAC7614EB Datasheet HTML 7Page - Texas Instruments DAC7614EB Datasheet HTML 8Page - Texas Instruments DAC7614EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
®
DAC7614
ABSOLUTE MAXIMUM RATINGS(1)
VDD to VSS ........................................................................... –0.3V to +11V
VDD to GND ........................................................................ –0.3V to +5.5V
VREFL to VSS ............................................................... –0.3V to (VDD – VSS)
VDD to VREFH .............................................................. –0.3V to (VDD – VSS)
VREFH to VREFL ............................................................ –0.3V to (VDD – VSS)
Digital Input Voltage to GND ...................................... –0.3V to VDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ......................................... –40
°C to +85°C
Storage Temperature Range .......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
MAXIMUM
MAXIMUM
LINEARITY
DIFFERENTIAL
PACKAGE
SPECIFICATION
ERROR
LINEARITY
DRAWING
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
NUMBER(1)
RANGE
NUMBER(2)
MEDIA
DAC7614P
±2
±1
16-Pin DIP
180
–40
°C to +85°C
DAC7614P
Rails
DAC7614PB
±1
""
"
"
DAC7614PB
Rails
DAC7614U
±2
±1
16-Lead SOIC
211
–40
°C to +85°C
DAC7614U
Rails
""
"
"
"
"
DAC7614U/1K
Tape and Reel
DAC7614UB
±1
±1
16-Lead SOIC
211
–40
°C to +85°C
DAC7614UB
Rails
""
"
"
"
"
DAC7614UB/1K
Tape and Reel
DAC7614E
±2
±1
20-Lead SSOP
334
–40
°C to +85°C
DAC7614E
Rails
""
"
"
"
"
DAC7614E/1K
Tape and Reel
DAC7614EB
±1
±1
20-Lead SSOP
334
–40
°C to +85°C
DAC7614EB
Rails
""
"
"
"
"
DAC7614EB/1K
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are
available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces of “DAC7614EB/1K” will get a single
1000-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com