Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7614EB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7614EB
Description  Quad, Serial Input, 12-Bit, Voltage Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7614EB Datasheet(HTML) 1 Page - Texas Instruments

  DAC7614EB Datasheet HTML 1Page - Texas Instruments DAC7614EB Datasheet HTML 2Page - Texas Instruments DAC7614EB Datasheet HTML 3Page - Texas Instruments DAC7614EB Datasheet HTML 4Page - Texas Instruments DAC7614EB Datasheet HTML 5Page - Texas Instruments DAC7614EB Datasheet HTML 6Page - Texas Instruments DAC7614EB Datasheet HTML 7Page - Texas Instruments DAC7614EB Datasheet HTML 8Page - Texas Instruments DAC7614EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DAC7614
DAC7614
DAC7614
®
© 1998 Burr-Brown Corporation
PDS-1445C
Printed in U.S.A. December, 1998
Quad, Serial Input, 12-Bit, Voltage Output
DIGITAL-TO-ANALOG CONVERTER
FEATURES
q LOW POWER: 20mW
q UNIPOLAR OR BIPOLAR OPERATION
q SETTLING TIME: 10
µs to 0.012%
q 12-BIT LINEARITY AND MONOTONICITY:
–40
°C to +85°C
q USER SELECTABLE RESET TO MID-
SCALE OR ZERO-SCALE
q SECOND-SOURCE for DAC8420
q SMALL 20-LEAD SSOP PACKAGE
APPLICATIONS
q ATE PIN ELECTRONICS
q PROCESS CONTROL
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
DESCRIPTION
The DAC7614 is a quad, serial input, 12-bit, voltage
output digital-to-analog converter (DAC) with guar-
anteed 12-bit monotonic performance over the –40
°C
to +85
°C temperature range. An asynchronous reset
clears all registers to either mid-scale (800H) or zero-
scale (000H), selectable via the RESETSEL pin. The
device can be powered from a single +5V supply or
from dual +5V and –5V supplies.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Low power and small size makes the DAC7614 ideal
for process control, data acquisition systems, and
closed-loop servo-control. The device is available in
16-pin plastic DIP, 16-lead SOIC, or 20-lead SSOP
packages, and is guaranteed over the –40
°C to +85°C
temperature range.
DAC A
DAC
Register A
DAC B
DAC
Register B
DAC C
DAC
Register C
DAC D
DAC
Register D
VREFH
VDD
VSS
VOUTD
VOUTC
VOUTB
VOUTA
VREFL
GND
CLK
CS
12
SDI
RESET
RESETSEL
LOADDACS
Serial-to-
Parallel
Shift
Register
DAC
Select
SBAS092


Similar Part No. - DAC7614EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614EB BURR-BROWN-DAC7614EB Datasheet
483Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614EB TI1-DAC7614EB Datasheet
503Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614EB TI2-DAC7614EB Datasheet
446Kb / 18P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
23-May-2025
DAC7614EB.A TI2-DAC7614EB.A Datasheet
446Kb / 18P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
23-May-2025
DAC7614EB/1K TI1-DAC7614EB/1K Datasheet
503Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7614EB

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
Quad 12-bit Serial Input Voltage Output DAC
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
4/07-Revision 0
DAC8420 AD-DAC8420_07 Datasheet
1Mb / 24P
Quad 12-Bit Serial Voltage Output DAC
REV. B
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 TI1-DAC7615_09 Datasheet
505Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output
logo
Analog Devices
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
Quad 12-Bit Serial Voltage Output DAC
9/2016-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com