Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8830MCDREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC8830MCDREP Datasheet HTML 13Page - Texas Instruments DAC8830MCDREP Datasheet HTML 14Page - Texas Instruments DAC8830MCDREP Datasheet HTML 15Page - Texas Instruments DAC8830MCDREP Datasheet HTML 16Page - Texas Instruments DAC8830MCDREP Datasheet HTML 17Page - Texas Instruments DAC8830MCDREP Datasheet HTML 18Page - Texas Instruments DAC8830MCDREP Datasheet HTML 19Page - Texas Instruments DAC8830MCDREP Datasheet HTML 20Page - Texas Instruments DAC8830MCDREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
www.ti.com
THEORY OF OPERATION
General Description
Digital-to-Analog Sections
R
R
12−Bit R−2R Ladder
Four MSBs Decoded into
15 Equal Segments
2R
2R
2R
2R
S0
S1
S11
2R
V
OUT
E15
2R
E2
2R
E1
V
REF
Output Range
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
The DAC8830 and DAC8831 are single, 16-bit, serial-input, voltage-output DACs. They operate from a single
supply ranging from 2.7 V to 5 V, and typically consume 5
μA. Data is written to these devices in a 16-bit word
format, via an SPI serial interface. To ensure a known power-up state, these parts were designed with a
power-on reset function. The DAC8830 and DAC8831 are reset to zero code. In unipolar mode, the DAC8830
and DAC8831 are reset to 0V, and in bipolar mode, the DAC8831 is reset to –VREF. Kelvin sense connections
for the reference and analog ground are included on the DAC8831.
The DAC architecture for both devices consists of two matched DAC sections and is segmented. A simplified
circuit diagram is shown in Figure 45. The four MSBs of the 16-bit data word are decoded to drive 15 switches,
E1 to E15. Each of these switches connects one of 15 matched resistors to either AGND or VREF. The remaining
12 bits of the data word drive switches S0 to S11 of a 12-bit voltage mode R-2R ladder network.
Figure 45. DAC Architecture
The output of the DAC is
VOUT = (VREF × Code/65536)
Where:
Code = Decimal data word loaded to the DAC latch
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com