Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8830MCDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8830MCDREP
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8830MCDREP Datasheet(HTML) 1 Page - Texas Instruments

  DAC8830MCDREP Datasheet HTML 1Page - Texas Instruments DAC8830MCDREP Datasheet HTML 2Page - Texas Instruments DAC8830MCDREP Datasheet HTML 3Page - Texas Instruments DAC8830MCDREP Datasheet HTML 4Page - Texas Instruments DAC8830MCDREP Datasheet HTML 5Page - Texas Instruments DAC8830MCDREP Datasheet HTML 6Page - Texas Instruments DAC8830MCDREP Datasheet HTML 7Page - Texas Instruments DAC8830MCDREP Datasheet HTML 8Page - Texas Instruments DAC8830MCDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
DAC8830-EP
DAC8831-EP
SGLS334C – AUGUST 2006 – REVISED APRIL 2007
16-Bit, Ultra-Low Power, Voltage-Output
Digital-to-Analog Converters
• Portable Equipment
• Controlled Baseline
• Automatic Test Equipment
–
One Assembly
• Industrial Process Control
–
One Test Site
• Data Acquisition Systems
–
One Fabrication Site
• Optical Networking
• Extended Temperature Performance of –55°C
to 125
°C
• Enhanced Diminishing Manufacturing Sources
The DAC8830 and DAC8831 are single, 16-bit,
(DMS) Support
serial-input,
voltage-output
digital-to-analog
• Enhanced Product-Change Notification
converters (DACs) operating from a single 3-V to 5-V
• Qualification Pedigree (1)
power supply. These converters provide excellent
linearity, low glitch, low noise, and fast settling over
• 16-Bit Resolution
the specified temperature range of –55
°C to 125°C.
• 2.7-V to 5.5-V Single-Supply Operation
The output is unbuffered, which reduces the power
• Low Power: 15 μW for 3-V Power
consumption and the error introduced by the buffer.
• High Accuracy, INL: 1 LSB
These parts feature a standard high-speed (clock up
• Low Glitch: 8 nV-s
to 50 MHz), 3-V or 5-V SPI serial interface to
communicate with the DSP or microprocessors.
• Low Noise: 10 nV/√Hz
• Fast Settling: 1 μs
The DAC8830 output is 0 V to VREF. However, the
DAC8831 provides bipolar mode output (
±V
REF)
• Fast SPI Interface Up to 50 MHz
when working with an external buffer. The DAC8830
• Reset to Zero-Code
and DAC8831 are both reset to zero-code after
• Schmitt-Trigger Inputs for Direct Optocoupler
power up.
Interface
For
optimum
performance,
a
set
of
Kelvin
• Industry-Standard Pin Configuration
connections to external reference and analog ground
input are provided on the DAC8831.
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
The DAC8830 is available in an SO-8 package and
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
the DAC8831 is available in an SO-14 package. Both
temperature cycle, autoclave or unbiased HAST,
have industry standard pinouts (see Table 3, the
electromigration, bond intermetallic life, and mold compound
Cross Reference table in the Application Information
life. Such qualification testing should not be viewed as
section for details).
justifying use of this component beyond specified
performance and environmental limits.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8830MCDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8830MCDREP TI1-DAC8830MCDREP Datasheet
921Kb / 32P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830MCDREP TI2-DAC8830MCDREP Datasheet
889Kb / 35P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
REVISED APRIL 2007
DAC8830MCDREP.A TI2-DAC8830MCDREP.A Datasheet
889Kb / 35P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
REVISED APRIL 2007
More results

Similar Description - DAC8830MCDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com