Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83847 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 21Page - National Semiconductor (TI) DP83847 Datasheet HTML 22Page - National Semiconductor (TI) DP83847 Datasheet HTML 23Page - National Semiconductor (TI) DP83847 Datasheet HTML 24Page - National Semiconductor (TI) DP83847 Datasheet HTML 25Page - National Semiconductor (TI) DP83847 Datasheet HTML 26Page - National Semiconductor (TI) DP83847 Datasheet HTML 27Page - National Semiconductor (TI) DP83847 Datasheet HTML 28Page - National Semiconductor (TI) DP83847 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
25
www.national.com
3.6 ESD Protection
Typically, ESD precautions are predominantly in effect
when handling the devices or board before being installed
in a system. In those cases, strict handling procedures can
be implemented during the manufacturing process to
greatly reduce the occurrences of catastrophic ESD
events. After the system is assembled, internal compo-
nents are usually relatively immune from ESD events.
In the case of an installed Ethernet system however, the
network interface pins are still susceptible to external ESD
events. For example, a category 5 cable being dragged
across a carpet has the potential of developing a charge
well above the typical ESD rating of a semiconductor
device.
For applications where high reliability is required, it is rec-
ommended that additional ESD protection diodes be added
as shown below. There are numerous dual series con-
nected diode pairs that are available specifically for ESD
protection. The level of protection will vary dependent upon
the diode ratings. The primary parameter that affects the
level of ESD protection is peak forward surge current. Typi-
cal specifications for diodes intended for ESD protection
range from 500mA (Motorola BAV99LT1 single pair diodes)
to 12A (STM DA108S1 Quad pair array). The user should
also select diodes with low input capacitance to minimize
the effect on system performance.
Since performance is dependent upon components used,
board impedance characteristics, and layout, the circuit
should be completely tested to ensure performance to the
required levels.
Figure 9. Typical DP83847 Network Interface with additional ESD protection
RJ-45
DP83847 10/100
TX±
RX±
Vcc
PIN 1
PIN 2
PIN 3
PIN 6
DIODES PLACED
ON THE DEVICE
SIDE OF THE
ISOLATION
TRANSFORMER
3.3V Vcc
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com