Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83847 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83847
Description  DsPHYTER II ??Single 10/100 Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83847 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP83847 Datasheet HTML 52Page - National Semiconductor (TI) DP83847 Datasheet HTML 53Page - National Semiconductor (TI) DP83847 Datasheet HTML 54Page - National Semiconductor (TI) DP83847 Datasheet HTML 55Page - National Semiconductor (TI) DP83847 Datasheet HTML 56Page - National Semiconductor (TI) DP83847 Datasheet HTML 57Page - National Semiconductor (TI) DP83847 Datasheet HTML 58Page - National Semiconductor (TI) DP83847 Datasheet HTML 59Page - National Semiconductor (TI) DP83847 Datasheet HTML 60Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
56
www.national.com
6.5.10 Auto-Negotiation Fast Link Pulse (FLP) Timing
6.5.11 100BASE-TX Signal Detect Timing
Note: The signal amplitude at RD
± is TP-PMD compliant.
Parameter
Description
Notes
Min
Typ
Max
Units
T5.10.1
Clock, Data Pulse Width
100
ns
T5.10.2
Clock Pulse to Clock Pulse
Period
111
125
139
µs
T5.10.3
Clock Pulse to Data Pulse
Period
Data = 1
55.5
69.5
µs
T5.10.4
Number of Pulses in a Burst
17
33
#
T5.10.5
Burst Width
2ms
T5.10.6
FLP Burst to FLP Burst Period
8
24
ms
clock
pulse
data
pulse
clock
pulse
FLP Burst
FLP Burst
Fast Link Pulse(s)
T5.10.1
T5.10.1
T5.10.2
T5.10.3
T5.10.4
T5.10.5
T5.10.6
Parameter
Description
Notes
Min
Typ
Max
Units
T5.11.1
SD Internal Turn-on Time
1
ms
T5.11.2
SD Internal Turn-off Time
300
µs
T5.11.1
SD+ internal
T5.11.2
RD
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com