Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7724N Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7724N
Description  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7724N Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC7724N Datasheet HTML 9Page - Texas Instruments DAC7724N Datasheet HTML 10Page - Texas Instruments DAC7724N Datasheet HTML 11Page - Texas Instruments DAC7724N Datasheet HTML 12Page - Texas Instruments DAC7724N Datasheet HTML 13Page - Texas Instruments DAC7724N Datasheet HTML 14Page - Texas Instruments DAC7724N Datasheet HTML 15Page - Texas Instruments DAC7724N Datasheet HTML 16Page - Texas Instruments DAC7724N Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
®
DAC7724, 7725
ANALOG OUTPUTS
When VSS = –15V (dual supply operation), the output
amplifier can swing to within 4V of the supply rails, guar-
anteed over the –40
°C to +85°C temperature range. With
VSS = 0V (single-supply operation) and RLOAD connected to
ground, the output can swing to ground. Note that the
settling time of the output op-amp will be longer with
voltages very near ground. Additionally, care must be taken
when measuring the zero-scale error when VSS = 0V. Since
the output voltage cannot swing below ground, the output
voltage may not change for the first few digital input codes
(000H, 001H, 002H, etc.) if the output amplifier has a nega-
tive offset. At the negative offset limit of –4 LSB (-9.76mV),
for the single-supply case, the first specified output starts at
code 004H.
REFERENCE INPUTS
For dual-supply operation, the reference inputs, VREFL and
VREFH, can be any voltage between VSS + 4V and VCC – 4V
provided that VREFH is at least 1.25V greater than VREFL.
For single-supply operation (VSS = 0V), VREFL value can be
above 0V, with the same provision that VREFH is at least
1.25V greater than VREFL. The minimum output of each
DAC is equal to VREFL plus a small offset voltage (essen-
tially, the offset of the output op-amp). The maximum
output is equal to VREFH plus a similar offset voltage. Note
that VSS (the negative power supply) must either be con-
nected to ground or must be in the range of –14.25V to
–15.75V. The voltage on VSS sets several bias points within
the converter, if VSS is not in one of these two configura-
tions, the bias values may be in error and proper operation
of the device is not guaranteed.
The current into the VREFH input and out of VREFL depends
on the DAC output voltages and can vary from a few
microamps to approximately 0.3mA. The reference input
appears as a varying load to the reference. If the reference
can sink or source the required current, a reference buffer is
not required. See “Reference Current vs Code” in the Typi-
cal Performance Curves.
The analog supplies (or the analog supplies and the refer-
ence power supplies) have to come up first. If the power
supplies for the references come up first, then the VCC and
VSS supplies will be “powered from the reference via the
ESD protection diodes” (see page 4).
Bypassing the reference voltage or voltages with at least a
0.1uF capacitor placed as close to the DAC7724/25 package
is strongly recommended.
FIGURE 3. Basic Dual-Supply Operation of the DAC7724/25.
1
2
3
4
V
REFH
V
OUTB
Load DAC Registers
Reset DACs(1)
V
OUTA
V
SS
5
GND
6
RESET
7
8
9
10
11
12
13
14
LDAC
DB0
DB1
DB2
DB3
DB4
DB5
DB6
V
REFL
V
OUTC
DAC7724
DAC7725
V
OUTD
V
CC
28
27
26
25
V
DD
24
CS
23
A0
A1
R/W
DB11
DB10
DB9
DB8
DB7
22
21
20
19
18
17
16
15
Chip Select
–10V to +10V
–10V to +10V
Read/Write
Data Bus
Address Bus
or Decoder
NOTE: (1) Reset LOW sets all DACs to code 800
H on the DAC7724 and to code 000H on the DAC7725.
–10.000V
0.1
µF
–10V to +10V
–10V to +10V
–15V
+10.000V
0.1
µF
0.1
µF
1
µF to 10µF
+
Data Bus
+15V
0.1
µF
1
µF to 10µF
+
+5V
0.1
µF
1
µF to 10µF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com