Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCF5801DBQR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801DBQR
Description  CLOCK MULTIPLIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF5801DBQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCF5801DBQR Datasheet HTML 3Page - Texas Instruments CDCF5801DBQR Datasheet HTML 4Page - Texas Instruments CDCF5801DBQR Datasheet HTML 5Page - Texas Instruments CDCF5801DBQR Datasheet HTML 6Page - Texas Instruments CDCF5801DBQR Datasheet HTML 7Page - Texas Instruments CDCF5801DBQR Datasheet HTML 8Page - Texas Instruments CDCF5801DBQR Datasheet HTML 9Page - Texas Instruments CDCF5801DBQR Datasheet HTML 10Page - Texas Instruments CDCF5801DBQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
VDDO
2
) 0.2
VDDO
2
*0.2
Not Recommended for New Designs
CDCF5801
SCAS698F – SEPTEMBER 2003 – REVISED APRIL 2006
TIMING REQUIREMENTS (continued)
PARAMETER
MIN
MAX
UNIT
Allowable frequency on LEADLAG
280
MHz
Allowable duty cycle on DLYCTRL and LEADLAG pins
25%
75%
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN TYP(2)
MAX
UNIT
VO(STOP)
Output voltage during Clkstop mode
See Figure 1
1.1
2
V
VO(X)
Output crossing-point voltage
See Figure 1 and Figure 4
V
VO
Output voltage swing (VOH - VOL)
See Figure 1
1.7
2.9
V
VIK
Input clamp voltage
VDD = 3 V,
II = -18 mA
-1.2
V
VDD = 3 to 3.6 V,
See Figure 1
2
2.5
VOH
High-level output voltage
V
VDD = 3 V,
IOH = -16 mA
2.2
VDD = 3 to 3.6 V,
See Figure 1
0.4
0.6
VOL
Low-level output voltage
V
VDD = 3 V,
IOH = 16 mA
0.5
VDD = 3.135 V,
VO = 1 V
-32
-52
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
-51
mA
VDD = 3.465 V,
VO = 3.135 V
-14.5
-21
VDD = 3.135 V,
VO = 1.95 V
43
61.5
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
65
mA
VDD = 3.465 V,
VO = 0.4 V
25.5
40
IOZ
High-impedance-state output current
P0 = 1,
P1 = P2 = 0
±10
µA
High-impedance-state output current
IOZ(STOP)
Stop = 0,
VO = GND or VDD
±100
µA
during Clk Stop
High-impedance-state output current
IOZ(PD)
PWRDNB = 0,
VO = GND or VDD
-10
100
µA
in power-down state
IIH
REFCLK; STOPB;
VDD = 3.6 V,
VI = VDD
10
µA
High-level
PWRDNB; P[0:2];
input current
MULT[0:1];
IIL
VDD = 3.6 V,
VI =0
-10
µA
DLYCTRL; LEADLAG
Output
High state
RI at IO-14.5 mA to -16.5 mA
15
35
50
impedance
ZO
Ω
(single
Low state
RI at IO 14.5 mA to 16.5 mA
10
17
35
ended)
PWRDNB = 0
50
µA
Reference
IREF
VDDREF; VDDPD
VDD = 3.6 V
current
PWRDNB = 1
0.5
mA
CI
Input capacitance
VI = VDD or GND
2
pF
CO
Output capacitance
VO = GND or VDD
3
pF
REFCLK = 0 MHz to 280 MHz;
IDD(PD)
Supply current in power-down state
4
mA
PWRDNB = 0; STOPB = 1
IDD(CLKSTOP) Supply current in CLK stop state
BUSCLK configured for 280 MHz
44
mA
Supply current (normal operation
BUSCLK 280 MHz, MULT[0:1] = 10;
IDD(NORMAL)
75
mA
mode)
P[0:2] = 011; Load , See Figure 1
(1)
VDD refers to any of the following; VDDP, VDDREF, VDDO, VDDPD, and VDDPA
(2)
All typical values are at VDD = 3.3 V, TA = 25°C.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com