Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCF5801DBQR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801DBQR
Description  CLOCK MULTIPLIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF5801DBQR Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCF5801DBQR Datasheet HTML 9Page - Texas Instruments CDCF5801DBQR Datasheet HTML 10Page - Texas Instruments CDCF5801DBQR Datasheet HTML 11Page - Texas Instruments CDCF5801DBQR Datasheet HTML 12Page - Texas Instruments CDCF5801DBQR Datasheet HTML 13Page - Texas Instruments CDCF5801DBQR Datasheet HTML 14Page - Texas Instruments CDCF5801DBQR Datasheet HTML 15Page - Texas Instruments CDCF5801DBQR Datasheet HTML 16Page - Texas Instruments CDCF5801DBQR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ti.com
APPLICATION INFORMATION
APPLICATION EXAMPLE
Z = 50
Ω
Z = 50
Ω
CDCV304
Clock Buffer
25 MHz
P0
P1
VDDO
GNDO
CLKOUT
NC
CLKOUTB
GNDO
VDDO
MULT0
MULT1
P2
VDDREF
REFCLK
VDDP
GNDP
GND
LEADLAG
DLYCTRL
GNDPA
VDDPA
VDDPD
STOPB
PWRDNB
3.3 V
CLK
35
Ω
3.3 V
3.3 V
CDCF5801
CDCV304
Clock Buffer
CLK
Z = 50
Ω; Length = L1
25 MHz
25 MHz
25 MHz
Outputs are Phase Aligned
Between the Two Buffers
3.3 V
Z = 50
Ω; Length = L1
30
Ω
3.3 V
SELECTING VDDREF
Not Recommended for New Designs
CDCF5801
SCAS698F – SEPTEMBER 2003 – REVISED APRIL 2006
The following figure shows an example of using the CDCF5801 as a phase aligner de-skewing the unknown
buffer delay of the two CDCV304s in the circuit. This circuitry would not be possible with a simple PLL because
the feedback of the PLL would have the second CDCV304 in the loop, causing instability of the PLL due to a
long delay.
Figure 9. Application Example
NOTE:
If an active element (microcontroller, ASIC, DSP< FPYA, DSP, etc.) is used in the
CDCF5801 CLKOUT to DLYCTRL feedback loop, see application report SCAA075.
Generally, VDDREF can be set to any value between 1.2 V and VDD. The setting of VDDREF directly influences
the trigger voltage of the input. Special care must be taken when using small signal swings to drive the
CVDCF5801 input (e.g., PECL). It is recommended to connect VDDREF directly to VDD, ac-couple the REFCLK
input, and rebias the signal.
The following circuit is recommended to drive the CDCF5801 from a differential clock signal like PECL.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com