Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83858VF Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83858VF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83858VF Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP83858VF Datasheet HTML 1Page - National Semiconductor (TI) DP83858VF Datasheet HTML 2Page - National Semiconductor (TI) DP83858VF Datasheet HTML 3Page - National Semiconductor (TI) DP83858VF Datasheet HTML 4Page - National Semiconductor (TI) DP83858VF Datasheet HTML 5Page - National Semiconductor (TI) DP83858VF Datasheet HTML 6Page - National Semiconductor (TI) DP83858VF Datasheet HTML 7Page - National Semiconductor (TI) DP83858VF Datasheet HTML 8Page - National Semiconductor (TI) DP83858VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
http:\\www.national.com
Table of Contents
1.0
Pin Connection Diagram
1.1
Pin Table
2.0
Pin Description
2.1
Physical Layer Interface
2.2
Inter Repeater and Management Bus Inter-
face
2.3
EEPROM Interface
2.4
Miscellaneous
2.5
Pin Type Designation
3.0
Functional Description
3.1
Repeater State Machine
3.2
RXE Control
3.3
TXE Control
3.4
Data Path
3.5
Elasticity Buffer
3.6
Jabber Protection State Machine
3.7
Auto-Partition State Machine
3.8
Inter Repeater Bus Interface
3.9
Management Bus
3.10
Management Event Flags and Counters
3.11
Serial Register Interface
3.12
Jabber/Partition LED Driver Logic
3.13
EEPROM Serial Read Access
4.0
Registers
4.1
Page 0 Register Map
4.2
Page 1 Register Map
4.3
Configuration Register (CONFIG)
4.4
Page Register (PAGE)
4.5
Partition Status Register (PARTITION)
4.6
Jabber Status Register (JABBER)
4.7
Administration Register (ADMIN)
4.8
Device ID Register (DEVICEID)
4.9
Hub ID 0 Register (HUBID0)
4.10
Hub ID 1 Register (HUBID1)
4.11
Port Management Counter Registers
4.12
Silicon Revision Register (SIREV)
5.0
DP83858 Applications
5.1
MII Interface Connections
5.2
Repeater ID Interface
5.3
Inter Repeater Bus Connections
5.4
DP83856 100RIB Connections
5.5
Port Partition and Jabber Status LEDs
6.0
AC and DC Specifications
6.1
DC Specifications
6.2
AC Specifications
7.0
Physical Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com