Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83858VF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83858VF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC8??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83858VF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83858VF Datasheet HTML 1Page - National Semiconductor (TI) DP83858VF Datasheet HTML 2Page - National Semiconductor (TI) DP83858VF Datasheet HTML 3Page - National Semiconductor (TI) DP83858VF Datasheet HTML 4Page - National Semiconductor (TI) DP83858VF Datasheet HTML 5Page - National Semiconductor (TI) DP83858VF Datasheet HTML 6Page - National Semiconductor (TI) DP83858VF Datasheet HTML 7Page - National Semiconductor (TI) DP83858VF Datasheet HTML 8Page - National Semiconductor (TI) DP83858VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
http:\\www.national.com
© 1998 National Semiconductor Corporation
General Description
The DP83858 100 Mb/s TX/T4 Repeater Interface Control-
ler, known as 100RIC8, is designed specifically to meet the
needs of today's high speed Ethernet networking systems.
The DP83858 is fully compatible with the IEEE 802.3
repeater's clause 27. This device is targeted at low port
count managed and unmanaged repeater applications.
The DP83858 supports up to eight 100 Mb/s links with its
network interface ports. The 100RIC8 can be configured to
be used with either 100BASE-TX or 100BASE-T4 PHY
technologies.
Larger
repeaters may be constructed by
cascading DP83858s together using the built-in
Inter
Repeater bus.
In conjunction with a DP83856 100 Mb/s Repeater Infor-
mation Base device, a DP83858 based repeater becomes
a managed entity that is compatible with IEEE 802.3u
(clause 30), collecting and providing an easy interface to
all the required network statistics.
Features
s IEEE 802.3u repeater and management compatible
s Supports Class II TX translational repeater and Class I
T4 repeater
s Supports 8 network connections (ports)
s Up to 31 repeater chips cascadable for larger hub appli-
cations--may use DP83858 in conjunction with DP83850
100RIC (12 ports per chip)
s Separate jabber and partition state machines for each
port
s Management interface to DP83856 allows all repeater
MIBs to be maintained
s Large per-port management counters - reduces man-
agement CPU overhead
s On-chip elasticity buffer for PHY signal re-timing to the
DP83858 clock source
s Serial register interface - reduces cost
s Physical layer device control/status access available via
the serial register interface
s Detects repeater identification errors
s 132 pin PQFP package
System Diagram
Note: The above system diagram depicts the repeater configured in 100BASE-TX mode.
DP83856
100 Mb/s
Repeater Information Base
(100RIB)
DP83223
100BASE-X
Transceiver
Port 0
100Mb/s
Ethernet
Ports
Inter Repeater Bus
RX Enable [7..0]
Management Bus
MII
DP83858
100 Mb/s
Repeater Interface Controller
(100RIC8)
Management
I/O Devices
Program
Memory
Management
CPU
Statistics
SRAM
DP83840A
100 PHY
#0
DP83223
100BASE-X
Transceiver
Port 1
DP83840A
100 PHY
#1
DP83223
100BASE-X
Transceiver
Port 2
DP83840A
100 PHY
#2
DP83223
100BASE-X
Transceiver
Port 7
DP83840A
100 PHY
#7
(IR_COL, IR_DV)
DP83858
100 Mb/s TX/T4 Repeater Interface Controller (100RIC8™)
June 1998
FAST® is a registered trademark of Fairchild Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
100RIC™ is a trademark of National Semiconductor Corporation.


Similar Part No. - DP83858VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83850C NSC-DP83850C Datasheet
292Kb / 37P
100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
DP83850CVF NSC-DP83850CVF Datasheet
292Kb / 37P
100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
logo
Texas Instruments
DP83856B TI1-DP83856B Datasheet
430Kb / 30P
DP83856B 100Mb/s Repeater Information Base
More results

Similar Description - DP83858VF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83820 NSC-DP83820 Datasheet
1Mb / 87P
10/100/1000 Mb/s PCI Ethernet Network Interface Controller
DP83850C NSC-DP83850C Datasheet
292Kb / 37P
100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
RIC??Repeater Interface Controller
logo
List of Unclassifed Man...
MX98745 ETC-MX98745 Datasheet
166Kb / 36P
100 BASE-TX/FX REPEATER CONTROLLER
logo
National Semiconductor ...
DP83821 NSC-DP83821 Datasheet
1Mb / 86P
10/100/1000 Mb/s PCI Ethernet Network Interface Controller
logo
ASIX Electronics Corpor...
AX88850 ASIX-AX88850 Datasheet
420Kb / 39P
100BASE-TX/FX Repeater Controller
logo
Macronix International
MX98741 MCNIX-MX98741 Datasheet
180Kb / 34P
XRC 100 BASE-TX/FX REPEATER CONTROLLER
logo
National Semiconductor ...
MNDP83950B-VQB NSC-MNDP83950B-VQB Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
logo
Bothhand USA, LP.
14ST9012P-LF BOTHHAND-14ST9012P-LF Datasheet
157Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s applications
16ST0009P-LF BOTHHAND-16ST0009P-LF Datasheet
158Kb / 2P
Design for 10/100 MB/s TX & ATM 155 MB/s application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com