Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSJ689 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LSJ689
Description  LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL P-CHANNEL JFET AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSJ689 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LSJ689 Datasheet HTML 1Page - Linear Integrated Systems LSJ689 Datasheet HTML 2Page - Linear Integrated Systems LSJ689 Datasheet HTML 3Page - Linear Integrated Systems LSJ689 Datasheet HTML 4Page - Linear Integrated Systems LSJ689 Datasheet HTML 5Page - Linear Integrated Systems LSJ689 Datasheet HTML 6Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201180 06/13/16 Rev#A7 ECN# LSJ689
FEATURES
ULTRA LOW NOISE
en = 2.0nV/
√Hz
LOW INPUT CAPACITANCE
Ciss = 8pF
ABSOLUTE MAXIMUM RATINGS1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to +150°C
Junction Operating Temperature
-55 to +150°C
Maximum Power Dissipation, TA = 25°C
Continuous Power Dissipation, per side 4
300mW
Power Dissipation, total 5
500mW
Maximum Currents
Gate Forward Current
IG(F) = -10mA
Maximum Voltages
Gate to Source
VGS = 50V
Gate to Drain
VGD = 50V
Features
Reduced Noise due
to process improvement
Monolithic Design
High slew rate
Low offset/drift voltage
Low gate leakage lgss & lg
High CMRR 102 dB
Benefits
Tight differential voltage match vs.
current
Improved op amp speed settling time
accuracy
Minimum Input Error trimming error
voltage
Lower intermodulation distortion
Applications
Wide band differential Amps
High speed temperature
compensated single ended input
amplifier amps
High speed comparators
Impedance Converters
Description
The LSJ689 high performance, P-Channel, monolithic dual JFET features extremely low noise, tight offset voltage and low drift
over temperature. It is targeted for use in a wide range of precision instrumentation applications. The SOT-23, TO-71 and SO-8
packages provide ease of manufacturing and the symmetrical pinouts prevent improper orientation. The SOT-23 and SO-8
packages are available in tape and reel, compatible with automatic assembly methods. (See packaging data)
LSJ689
LOW NOISE LOW CAPACITANCE
MONOLITHIC DUAL
P-CHANNEL JFET AMPLIFIER
PRELIMINARY
SOIC-A
TOP VIEW
TO-71
TOP VIEW
SOT-23
TOP VIEW
Three Decades of Quality Through Innovation


Similar Part No. - LSJ689

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSJ6B-7A HONEYWELL-LSJ6B-7A Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSJ6B-7M HONEYWELL-LSJ6B-7M Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSJ6B-7N HONEYWELL-LSJ6B-7N Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSJ689

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS840-2 LINEAR-LS840-2 Datasheet
32Kb / 2P
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
logo
Linear Integrated Syste...
LS840 LINEAR-LS840_14 Datasheet
251Kb / 2P
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS3954A LINEAR-LS3954A_14 Datasheet
289Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS5911 LINEAR-LS5911_15 Datasheet
328Kb / 3P
IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK389 LINEAR-LSK389_14 Datasheet
238Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK489 LINEAR-LSK489 Datasheet
648Kb / 6P
LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U401 LINEAR-U401_15 Datasheet
314Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK489A LINEAR-LSK489A Datasheet
523Kb / 7P
Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com