Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSJ689 Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LSJ689
Description  LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL P-CHANNEL JFET AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSJ689 Datasheet(HTML) 4 Page - Linear Integrated Systems

  LSJ689 Datasheet HTML 1Page - Linear Integrated Systems LSJ689 Datasheet HTML 2Page - Linear Integrated Systems LSJ689 Datasheet HTML 3Page - Linear Integrated Systems LSJ689 Datasheet HTML 4Page - Linear Integrated Systems LSJ689 Datasheet HTML 5Page - Linear Integrated Systems LSJ689 Datasheet HTML 6Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201180 06/13/16 Rev#A7 ECN# LSJ689
TYPICAL CHARACTERISTICS
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
DRAIN-SOURCE VOLTAGE (V)
O u t p u t Ch arac ter i st i c s
Tj=250C
VGS=0.4V
VGS=2.0V
VGS=0.8V
VGS=1.2V
VGS=0.0V
VGS=0.2V
VGS=0.6V
VGS=1.0V
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
DRAIN - SOURCE VOLTAGE (V)
O u t p u t C h arac ter i st i c s
Tj=250C
VGS=0.4V
VGS=2.0V
VGS=0.8V
VGS=1.2V
VGS=0.0V
VGS=0.2V
VGS=0.6V
VGS=1.0V
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
DRAIN - SOURCE VOLTAGE (V)
O UT PUT C HA RAC T E RI ST I C S
Tj=250C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com