Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM1802RGTT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTT
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1802RGTT Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCM1802RGTT Datasheet HTML 2Page - Texas Instruments CDCM1802RGTT Datasheet HTML 3Page - Texas Instruments CDCM1802RGTT Datasheet HTML 4Page - Texas Instruments CDCM1802RGTT Datasheet HTML 5Page - Texas Instruments CDCM1802RGTT Datasheet HTML 6Page - Texas Instruments CDCM1802RGTT Datasheet HTML 7Page - Texas Instruments CDCM1802RGTT Datasheet HTML 8Page - Texas Instruments CDCM1802RGTT Datasheet HTML 9Page - Texas Instruments CDCM1802RGTT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CDCM1802
SCAS759B – APRIL 2004 – REVISED NOVEMBER 2015
www.ti.com
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVPECL OUTPUT DRIVER Y0, Y0
Crossing point-to-crossing point
tDuty
Output duty cycle distortion(1)
−50
50
ps
distortion
tsk(pp)
Part-to-part skew
Any Y0 (see Note A in Figure 7)
50
ps
20% to 80% of VOUTPP
tr/tf
Rise and fall time
200
350
ps
(see Figure 8)
LVPECL INPUT-TO-LVPECL OUTPUT PARAMETER
tpd(lh)
Propagation delay rising edge
VOX to VOX
320
600
ps
tpd(hl)
Propagation delay falling edge
VOX to VOX
320
600
ps
LVPECL pulse skew
tsk(p)
VOX to VOX
100
ps
(see Note B in Figure 7)
LVCMOS OUTPUT PARAMETER, Y1
Output skew between the LVCMOS
tskLVCMOS(o)
VOX to VDD / 2 (see Figure 7)
1.6
ns
output Y1 and LVPECL output Y0
tDuty
Output duty cycle distortion(2)
Measured at VDD / 2
−150
150
ps
tsk(pp)
Part-to-part skew
Y1 (see Note A in Figure 7)
300
ps
Propagation delay rising edge from
tpd(lh)
VOX to VDD / 2 load (see Figure 9)
1.6
2.6
ns
IN to Y1
Propagation delay falling edge from
tpd(hl)
VOX to VDD / 2 load (see Figure 9)
1.6
2.6
ns
IN to Y1
20% to 80% of swing
tr
Output rise slew rate
1.4
2.3
V/ns
(see Figure 9)
80% to 20% of swing
tf
Output fall slew rate
1.4
2.3
V/ns
(see Figure 9)
(1)
For a 800-MHz signal, the 50-ps error would result into a duty cycle distortion of ±4% when driven by an ideal clock input signal.
(2)
For a 200-MHz signal, the 150-ps error would result in a duty cycle distortion of ±3% when driven by an ideal clock input signal.
6.7 Jitter Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
12 kHz to 20 MHz, fout = 250 MHz to 800 MHz,
0.15
ps rms
Additive phase jitter from input to
divide by 1 mode
tjitterLVPECL
LVPECL output Y0
50 kHz to 40 MHz, fout = 250 MHz to 800 MHz,
(see Figure 1)
0.25
ps rms
divide by 1 mode
12 kHz to 20 MHz, fout = 250 MHz, divide by 1
0.25
ps rms
Additive phase jitter from input to
mode
tjitterLVCMOS
LVCMOS output Y1
50 kHz to 40 MHz, fout = 250 MHz, divide by 1
(see Figure 2)
0.4
ps rms
mode
6.8 Supply Current Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
All outputs enabled and terminated with 50
Ω to VDD − 2 V on
LVPECL outputs and 10 pF on LVCMOS output,
Full load
100
mA
f = 800 MHz for LVPECL outputs and 200 MHz for LVCMOS,
IDD
Supply current
VDD = 3.3 V
Outputs enabled, no output load, f = 800 MHz for LVPECL outputs
No load
85
mA
and 200 MHz for LVCMOS, VDD = 3.6 V
IDDZ
Supply current, 3-state
All outputs 3-state by control logic, f = 0 Hz, VDD = 3.6 V
0.5
mA
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: CDCM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com