Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM1802RGTT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM1802RGTT
Description  CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM1802RGTT Datasheet(HTML) 1 Page - Texas Instruments

  CDCM1802RGTT Datasheet HTML 1Page - Texas Instruments CDCM1802RGTT Datasheet HTML 2Page - Texas Instruments CDCM1802RGTT Datasheet HTML 3Page - Texas Instruments CDCM1802RGTT Datasheet HTML 4Page - Texas Instruments CDCM1802RGTT Datasheet HTML 5Page - Texas Instruments CDCM1802RGTT Datasheet HTML 6Page - Texas Instruments CDCM1802RGTT Datasheet HTML 7Page - Texas Instruments CDCM1802RGTT Datasheet HTML 8Page - Texas Instruments CDCM1802RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
CDCM1802
S0
S1
EN
REN = 60lQ
RS1 = 0
RS0 = open
Setting for Mode 4:
EN = VDD/2
S1 = 0
S0 = 1
IN, IN
Y0,Y0
250 MHz
Y1
125 MHz
125 MHz
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CDCM1802
SCAS759B – APRIL 2004 – REVISED NOVEMBER 2015
CDCM1802 Clock Buffer With Programmable Divider,
LVPECL I/O + Additional LVCMOS Output
1 Features
3 Description
The CDCM1802 clock driver distributes one pair of
1
•
Distributes One Differential Clock Input to One
differential clock input to one LVPECL differential
LVPECL Differential Clock Output and One
clock output pair, Y0 and Y0, and one single-ended
LVCMOS Single-Ended Output
LVCMOS output, Y1. It is specifically designed for
•
Programmable Output Divider for Both LVPECL
driving 50-
Ω transmission lines. The LVCMOS output
and LVCMOS Outputs
is delayed by 1.6 ns over the PECL output stage to
minimize noise impact during signal transitions.
•
1.6-ns Output Skew Between LVCMOS and
LVPECL Transitions Minimizing Noise
The CDCM1802 has two control pins, S0 and S1, to
•
3.3-V Power Supply (2.5-V Functional)
select different output mode settings. The S[1:0] pins
are 3-level inputs. Additionally, an enable pin EN is
•
Signaling Rate Up to 800-MHz LVPECL and
provided
to
disable
or
enable
all
outputs
200-MHz LVCMOS
simultaneously. The CDCM1802 is characterized for
•
Differential Input Stage for Wide Common-Mode
operation from
−40°C to 85°C.
Range Also Provides VBB Bias Voltage Output for
For single-ended driver applications, the CDCM1802
Single-Ended Input Signals
provides a VBB output pin that can be directly
•
Receiver Input Threshold ±75 mV
connected to the unused input as a common-mode
•
16-Pin VQFN Package (3.00 mm × 3.00 mm)
voltage reference.
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Networking and Data Communications
CDCM1802
VQFN (16)
3.00 mm × 3.00 mm
•
Medical Imaging
(1) For all available packages, see the orderable addendum at
•
Portable Test and Measurement
the end of the data sheet.
•
High-end A/V
Application Example
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDCM1802RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM1802RGTT TI-CDCM1802RGTT Datasheet
695Kb / 22P
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
CDCM1802RGTT TI2-CDCM1802RGTT Datasheet
1Mb / 30P
CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
REVISED JULY 2017
CDCM1802RGTT.B TI2-CDCM1802RGTT.B Datasheet
1Mb / 30P
CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
REVISED JULY 2017
CDCM1802RGTTG4.B TI2-CDCM1802RGTTG4.B Datasheet
1Mb / 30P
CDCM1802 Clock Buffer With Programmable Divider, LVPECL I/O Additional LVCMOS Output
REVISED JULY 2017
More results

Similar Description - CDCM1802RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM1804 TI-CDCM1804 Datasheet
589Kb / 24P
1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCM1802 TI-CDCM1802 Datasheet
695Kb / 22P
CLOCK BUFFER WITH PROGRAMMABLE DIVIDER, LVPECL I/O ADDITIONAL LVCMOS OUTPUT
logo
Micrel Semiconductor
SY89874U MICREL-SY89874U Datasheet
180Kb / 10P
2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89874U MICREL-SY89874U_07 Datasheet
111Kb / 10P
2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
logo
Texas Instruments
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Texas Instruments
CDCM1804 TI1-CDCM1804_17 Datasheet
623Kb / 27P
1:3 LVPECL CLOCK BUFFER ADDITIONAL LVCMOS OUTPUT AND PROGRAMMABLE DIVIDER
logo
Integrated Device Techn...
8536I-33 IDT-8536I-33 Datasheet
347Kb / 19P
LVPECL/LVCMOS Fanout Buffer
logo
Renesas Technology Corp
ICS87001I-01 RENESAS-ICS87001I-01 Datasheet
579Kb / 15P
LVCMOS/LVTTL Clock Divider
JANUARY 23, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com