Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF111 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF111
Description  1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF111 Datasheet(HTML) 3 Page - Texas Instruments

  CDCVF111 Datasheet HTML 1Page - Texas Instruments CDCVF111 Datasheet HTML 2Page - Texas Instruments CDCVF111 Datasheet HTML 3Page - Texas Instruments CDCVF111 Datasheet HTML 4Page - Texas Instruments CDCVF111 Datasheet HTML 5Page - Texas Instruments CDCVF111 Datasheet HTML 6Page - Texas Instruments CDCVF111 Datasheet HTML 7Page - Texas Instruments CDCVF111 Datasheet HTML 8Page - Texas Instruments CDCVF111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CDCVF111
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
SCAS670B – SEPTEMBER 2001 – REVISED JUNE 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
V
High level input voltage
VCC = 3 V to 3.6 V
VCC–1.165
VCC–0.88
V
VIH
High-level input voltage
VCC = 3.3 V
2.135
2.42
V
V
Low level input voltage
VCC = 3 V to 3.6 V
VCC–1.81
VCC–1.475
V
VIL
Low-level input voltage
VCC = 3.3 V
1.49
1.825
V
TA
Operating free-air temperature
–40
85
°C
fclock
Input frequency
650
MHz
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
V
VCC = 3 V to 3.6 V
I
100 A
VCC –1.38
VCC –1.26
V
VREF
VCC = 3.3 V
IREF = 100 µA
1.92
2.04
V
VCC = 3 V to 3.6 V,
TA = 0°C to 85°C,
f(max) = 650 MHz
VCC –1.12
VCC – 0.83
VOH
VCC = 3 V to 3.6 V,
TA = –40°C to 85°C,
f(max) = 650 MHz
VCC –1.15
VCC – 0.83
VCC = 3.3 V
2.275
2.42
V
VCC = 3 V to 3.6 V
TA = 0°C to 85°C,
f(max) = 650 MHz
VCC –1.86
VCC –1.49
V
VOL
VCC = 3 V to 3.6 V,
TA = –40°C to 85°C,
f(max) = 650 MHz
VCC –1.86
VCC –1.52
VCC = 3.3 V
1.49
1.68
II
VI = 2.4 V,
VCC = 3 .6 V
150
µA
ICC (Internal)
IO = 0,
VCC = 3 .6 V
100
mA
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (see Figure 1 and Figure 2)
PARAMETER
FROM
TO
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
tPLH
CLKIN CLKIN
YY
450
600
ps
tPHL
CLKIN, CLKIN
Y, Y
450
600
ps
tsk(o)
Y, Y
50
ps
tsk(pr)
Y, Y
150
ps
tr
YY
200
600
ps
tf
Y, Y
200
600
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com