Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF111 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF111
Description  1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF111 Datasheet(HTML) 1 Page - Texas Instruments

  CDCVF111 Datasheet HTML 1Page - Texas Instruments CDCVF111 Datasheet HTML 2Page - Texas Instruments CDCVF111 Datasheet HTML 3Page - Texas Instruments CDCVF111 Datasheet HTML 4Page - Texas Instruments CDCVF111 Datasheet HTML 5Page - Texas Instruments CDCVF111 Datasheet HTML 6Page - Texas Instruments CDCVF111 Datasheet HTML 7Page - Texas Instruments CDCVF111 Datasheet HTML 8Page - Texas Instruments CDCVF111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CDCVF111
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
SCAS670B – SEPTEMBER 2001 – REVISED JUNE 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low-Output Skew for Clock-Distribution
Applications
D Differential Low-Voltage Pseudo-ECL
(LVPECL) Compatible Inputs and Outputs
D Distributes Differential Clock Inputs to Nine
Differential Clock Outputs
D Output Reference Voltage (VREF) Allows
Distribution From a Single-Ended Clock
Input
D Packaged In a 28-Pin Plastic Chip Carrier
description
The differential LVPECL clock-driver circuit
distributes one pair of differential LVPECL clock
inputs (CLKIN, CLKIN) to nine pairs of differential
clock (Y, Y) outputs with minimum skew for clock
distribution. It is specifically designed for driving
50-
Ω transmission lines.
The VREF output can be strapped to the CLKIN input for a single-ended CLKIN input.
The CDCVF111 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS
CLKIN
CLKIN
Yn
Yn
X
X
L
H
L
HL
H
H
LH
L
L
VREF
L
H
H
VREF
H
L
VREF
LH
L
VREF
H
L
H
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1
13 14
5
6
7
8
9
10
11
Y0
Y0
Y1
VCC
Y1
Y2
Y2
Y8
Y8
Y7
VCC
Y7
Y6
Y6
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12
FN PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - CDCVF111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111FN TI-CDCVF111FN Datasheet
121Kb / 1P
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111FNR TI-CDCVF111FNR Datasheet
121Kb / 1P
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
More results

Similar Description - CDCVF111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
logo
Texas Instruments
CDC111 TI-CDC111 Datasheet
96Kb / 7P
1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
logo
Fairchild Semiconductor
100311 FAIRCHILD-100311 Datasheet
64Kb / 6P
Low Skew 1:9 Differential Clock Driver
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
1:9 Differential Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
logo
Maxim Integrated Produc...
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
logo
Texas Instruments
CDC111_15 TI-CDC111_15_15 Datasheet
124Kb / 9P
1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com