Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83901A Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP83901A Datasheet HTML 43Page - National Semiconductor (TI) DP83901A Datasheet HTML 44Page - National Semiconductor (TI) DP83901A Datasheet HTML 45Page - National Semiconductor (TI) DP83901A Datasheet HTML 46Page - National Semiconductor (TI) DP83901A Datasheet HTML 47Page - National Semiconductor (TI) DP83901A Datasheet HTML 48Page - National Semiconductor (TI) DP83901A Datasheet HTML 49Page - National Semiconductor (TI) DP83901A Datasheet HTML 50Page - National Semiconductor (TI) DP83901A Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
140 Preliminary Electrical Characteristics (Continued)
Preliminary DC Specifications TA e 0 Cto70 C V e 5V g5% unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
DIFFERENTIAL PINS (TXg RXg and CDg)
VOD
Diff Output Voltage (TXg)78X Termination and 270Xs from each to GND
g
550
g
1200
mV
VOB
Diff Output Voltage Imbalance (TXg)
Same as Above
Typical 40 mV
VU
Undershoot Voltage (TXg)
Same as Above
Typical 80 mV
VDS
Diff Squelch Threshold
b
175
b
300
mV
(RXg and CDg)
VCM
Diff Input Common Mode Voltage
0
525
V
(RXg and CDg) (Note 1)
OSCILLATOR PINS (X1 and GNDX2)
VIH
X1 Input High Voltage
X1 is Connected to an Oscillator
20
V
and GNDX2 is Grounded
VIL
X1 Input Low Voltage
Same as Above
08
V
IOSC
X1 Input Current
GNDX2 is Grounded
a
3mA
VIN e VCC or GND
Note 1
This parameter is guaranteed by the isolation and is not tested
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com