| Electronic Components Datasheet Search |
|
DP83901A Datasheet(PDF) 8 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83901A Datasheet(HTML) 8 Page - National Semiconductor (TI) |
|
8 / 62 page ![]() 50 TransmitReceive Packet EncapsulationDecapsulation A standard IEEE 8023 packet consists of the following fields preamble Start of Frame Delimiter (SFD) destination address source address length data and Frame Check Sequence (FCS) The typical format is shown in Figure 2 The packets are Manchester encoded and decoded by the ENDEC module and transferred serially to the NIC module using NRZ data with a clock All fields are of fixed length except for the data field The SNIC generates and appends the preamble SFD and FCS field during transmission The Preamble and SFD fields are stripped during reception (The CRC is passed through to buffer memory during reception) PREAMBLE AND START OF FRAME DELIMITER (SFD) The Manchester encoded alternating 10 preamble field is used by the ENDEC to acquire bit synchronization with an incoming packet When transmitted each packet contains 62 bits of alternating 10 preamble Some of this preamble will be lost as the packet travels through the network The preamble field is stripped by the NIC module Byte align- ment is performed with the Start of Frame Delimiter (SFD) pattern which consists of two consecutive 1’s The SNIC does not treat the SFD pattern as a byte it detects only the two bit pattern This allows any preceding preamble within the SFD to be used for phase locking DESTINATION ADDRESS The destination address indicates the destination of the packet on the network and is used to filter unwanted pack- ets from reaching a node There are three types of address formats supported by the SNIC physical multicast and broadcast The physical address is a unique address that corresponds only to a single node All physical addresses have an MSB of ‘‘0’’ These addresses are compared to the internally stored physical address registers Each bit in the destination address must match in order for the SNIC to accept the packet Multicast addresses begin with an MSB of ‘‘1’’ The SNIC filters multicast addresses using a stan- dard hashing algorithm that maps all multicast addresses into a 6-bit value This 6-bit value indexes a 64-bit array that filters the value If the address consists of all 1’s it is a broadcast address indicating that the packet is intended for all nodes A promiscuous mode allows reception of all pack- ets the destination address is not required to match any filters Physical broadcast multicast and promiscuous ad- dress modes can be selected SOURCE ADDRESS The source address is the physical address of the node that sent the packet Source addresses cannot be multicast or broadcast addresses This field is simply passed to buffer memory LENGTH FIELD The 2-byte length field indicates the number of bytes that are contained in the data field of the packet This field is not interpreted by the SNIC DATA FIELD The data field consists of anywhere from 46 to 1500 bytes Messages longer than 1500 bytes need to be broken into multiple packets Messages shorter than 46 bytes will re- quire appending a pad to bring the data field to the minimum length of 46 bytes If the data field is padded the number of valid data bytes is indicated in the length field The SNIC does not strip or append pad bytes for short packets or check for oversize packets FCS FIELD The Frame Check Sequence (FCS) is a 32-bit CRC field calculated and appended to a packet during transmission to allow detection of errors when a packet is received During reception error free packets result in a specific pattern in the CRC generator Packets with improper CRC will be re- jected The AUTODIN II (X32 a X26 a X23 a X22 a X16 a X12 a X11 a X10 a X8 a X7 a X5 a X4 a X2 a X1 a 1) polynomial is used for the CRC calculations TLF10469 – 5 FIGURE 2 8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |