Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83910AV/63 Datasheet(PDF) 9 Page - Texas Instruments

Part # DP83910AV/63
Description  DP83910A CMOS SNI Serial Network Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83910AV/63 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DP83910AV/63 Datasheet HTML 5Page - Texas Instruments DP83910AV/63 Datasheet HTML 6Page - Texas Instruments DP83910AV/63 Datasheet HTML 7Page - Texas Instruments DP83910AV/63 Datasheet HTML 8Page - Texas Instruments DP83910AV/63 Datasheet HTML 9Page - Texas Instruments DP83910AV/63 Datasheet HTML 10Page - Texas Instruments DP83910AV/63 Datasheet HTML 11Page - Texas Instruments DP83910AV/63 Datasheet HTML 12Page - Texas Instruments DP83910AV/63 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
90 Switching Characteristics (Continued)
Transmit Timing (End of Packet)
TLF9365 – 5
Transmit Specifications (End of Packet)
Symbol
Parameter
Min
Max
Units
tTXEh
Transmit Enable Hold Time from Rising Edge of TXC
0
ns
tTOh
Transmit Output High before Idle (Half Step)
200
ns
tTOi
Transmit Output Idle Time (Half Step)
8000
ns
Receive Timing (Start of Packet)
TLF9365 – 6
Receiver Specifications (Start of Packet)
Symbol
Parameter
Min
Max
Units
tRCd
Receive Clock Duty Cycle (Note 1)
40
60
%
tRCr
Receive Clock Rise Time (20% to 80% CTL e 30 pF)
7
ns
tRCf
Receive Clock Fall Time (80% to 20% CTL e 30 pF)
7
ns
tCRSon
Carrier Sense Turn On Delay
70
ns
tDAT
Decoder Acquisition Time
700
ns
tRDd
Receive Data Output Delay
150
ns
tRDs
Receive Data Output Stable after Going Valid
90
ns
tDtor
Differential Inputs Turn-On Pulse (Note 2)
30
ns
tRDV
Receive Data Output Valid from Falling Edge of RXC
10
ns
Note 1
This parameter is measured using the fifty percent point of each clock edge
Note 2
This parameter was characterized with a differential input of b375 mV on the receive pair inputs
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com