Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83910AV/63 Datasheet(PDF) 10 Page - Texas Instruments

Part # DP83910AV/63
Description  DP83910A CMOS SNI Serial Network Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83910AV/63 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DP83910AV/63 Datasheet HTML 6Page - Texas Instruments DP83910AV/63 Datasheet HTML 7Page - Texas Instruments DP83910AV/63 Datasheet HTML 8Page - Texas Instruments DP83910AV/63 Datasheet HTML 9Page - Texas Instruments DP83910AV/63 Datasheet HTML 10Page - Texas Instruments DP83910AV/63 Datasheet HTML 11Page - Texas Instruments DP83910AV/63 Datasheet HTML 12Page - Texas Instruments DP83910AV/63 Datasheet HTML 13Page - Texas Instruments DP83910AV/63 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
90 Switching Characteristics (Continued)
Receive Timing (End of Packet)
TLF9365 – 7
Receiver Specifications (End of Packet)
Symbol
Parameter
Min
Max
Units
tCRSoff
Carrier Sense Turn Off Delay (Note 1)
155
ns
tRXCh
Minimum Number of RXCs after CRS Low (Note 2)
5
Bit Times
Note 1
When CRS goes low it will go low a minimum of 2 receive clocks
Note 2
The DP8390 Network Interface Controller (NIC) requires a minimum of 5 receive clocks after CRS goes low to function properly
Collision Timing
TLF9365 – 8
Collision Specifications
Symbol
Parameter
Min
Max
Units
tCOLon
Collision Turn On Delay
60
ns
tCOLoff
Collision Turn Off Delay
350
ns
tDtoc
Differential Inputs Turn-On
30
ns
Pulse (Squelch Note 1)
Note 1
This parameter was characterized with a differential input of b375 mV on the collision input pair
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com