Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ40Z50RSMR-R1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMR-R1
Description  Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMR-R1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ40Z50RSMR-R1 Datasheet HTML 12Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 13Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 14Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 15Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 16Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 17Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 18Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 19Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
bq40z50-R1
SLUSCB3 – JULY 2015
www.ti.com
7.31 Electrical Characteristics: OCD, SCC, SCD1, SCD2 Current Protection Thresholds
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOCD = VSRP – VSRN, AFE PROTECTION
–16.6
–100
CONTROL[RSNS] = 1
OCD detection
VOCD
mV
threshold voltage range
VOCD = VSRP – VSRN, AFE PROTECTION
–8.3
–50
CONTROL[RSNS] = 0
VOCD = VSRP – VSRN, AFE PROTECTION
–5.56
OCD detection
CONTROL[RSNS] = 1
ΔVOCD
threshold voltage
mV
VOCD = VSRP – VSRN, AFE PROTECTION
program step
–2.78
CONTROL[RSNS] = 0
VSCC = VSRP – VSRN, AFE PROTECTION
44.4
200
CONTROL[RSNS] = 1
SCC detection
VSCC
mV
threshold voltage range
VSCC = VSRP – VSRN, AFE PROTECTION
22.2
100
CONTROL[RSNS] = 0
VSCC = VSRP – VSRN, AFE PROTECTION
22.2
SCC detection
CONTROL[RSNS] = 1
ΔVSCC
threshold voltage
mV
VSCC = VSRP – VSRN, AFE PROTECTION
program step
11.1
CONTROL[RSNS] = 0
VSCD1 = VSRP – VSRN, AFE PROTECTION
–44.4
–200
CONTROL[RSNS] = 1
SCD1 detection
VSCD1
mV
threshold voltage range
VSCD1 = VSRP – VSRN, AFE PROTECTION
–22.2
–100
CONTROL[RSNS] = 0
VSCD1 = VSRP – VSRN, AFE PROTECTION
–22.2
SCD1 detection
CONTROL[RSNS] = 1
ΔVSCD1
threshold voltage
mV
VSCD1 = VSRP – VSRN, AFE PROTECTION
program step
–11.1
CONTROL[RSNS] = 0
VSCD2 = VSRP – VSRN, AFE PROTECTION
–44.4
–200
CONTROL[RSNS] = 1
SCD2 detection
VSCD2
mV
threshold voltage range
VSCD2 = VSRP – VSRN, AFE PROTECTION
–22.2
–100
CONTROL[RSNS] = 0
VSCD2 = VSRP – VSRN, AFE PROTECTION
–22.2
SCD2 detection
CONTROL[RSNS] = 1
ΔVSCD2
threshold voltage
mV
VSCD2 = VSRP – VSRN, AFE PROTECTION
program step
–11.1
CONTROL[RSNS] = 0
OCD, SCC, and SCDx
VOFFSET
Post-trim
–2.5
2.5
mV
offset error
No trim
–10%
10%
OCD, SCC, and SCDx
VSCALE
—
scale error
Post-trim
–5%
5%
7.32 Timing Requirements: OCD, SCC, SCD1, SCD2 Current Protection Timing
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
OCD detection
tOCD
1
31
ms
delay time
OCD detection
ΔtOCD
delay time
2
ms
program step
SCC detection
tSCC
0
915
µs
delay time
SCC detection
ΔtSCC
delay time
61
µs
program step
AFE PROTECTION CONTROL[SCDDx2] = 0
0
915
SCD1 detection
tSCD1
µs
delay time
AFE PROTECTION CONTROL[SCDDx2] = 1
0
1850
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com