Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ40Z50RSMR-R1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ40Z50RSMR-R1
Description  Li-Ion Battery Pack Manager
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ40Z50RSMR-R1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ40Z50RSMR-R1 Datasheet HTML 13Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 14Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 15Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 16Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 17Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 18Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 19Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 20Page - Texas Instruments BQ40Z50RSMR-R1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
bq40z50-R1
www.ti.com
SLUSCB3 – JULY 2015
Timing Requirements: OCD, SCC, SCD1, SCD2 Current Protection Timing (continued)
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
SCD1 detection
AFE PROTECTION CONTROL[SCDDx2] = 0
61
ΔtSCD1
delay time
µs
AFE PROTECTION CONTROL[SCDDx2] = 1
121
program step
AFE PROTECTION CONTROL[SCDDx2] = 0
0
458
SCD2 detection
tSCD2
µs
delay time
AFE PROTECTION CONTROL[SCDDx2] = 1
0
915
SCD2 detection
AFE PROTECTION CONTROL[SCDDx2] = 0
30.5
ΔtSCD2
delay time
µs
AFE PROTECTION CONTROL[SCDDx2] = 1
61
program step
Current fault
VSRP – VSRN = VT – 3 mV for OCD, SCD1, and SC2,
tDETECT
160
µs
detect time
VSRP – VSRN = VT + 3 mV for SCC
Current fault
tACC
delay time
Max delay setting
–10%
10%
accuracy
7.33 Timing Requirements: SMBus
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
SMBus operating
fSMB
SLAVE mode, SMBC 50% duty cycle
10
100
kHz
frequency
SMBus master clock
fMAS
MASTER mode, no clock low slave extend
51.2
kHz
frequency
Bus free time between start
tBUF
4.7
µs
and stop
Hold time after (repeated)
tHD(START)
4.0
µs
start
tSU(START)
Repeated start setup time
4.7
µs
tSU(STOP)
Stop setup time
4.0
µs
tHD(DATA)
Data hold time
300
ns
tSU(DATA)
Data setup time
250
ns
tTIMEOUT
Error signal detect time
25
35
ms
tLOW
Clock low period
4.7
µs
tHIGH
Clock high period
4.0
50
µs
tR
Clock rise time
10% to 90%
1000
ns
tF
Clock fall time
90% to 10%
300
ns
Cumulative clock low slave
tLOW(SEXT)
25
ms
extend time
Cumulative clock low
tLOW(MEXT)
10
ms
master extend time
7.34 Timing Requirements: SMBus XL
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
2.2 V to 26 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
fSMBXL
SMBus XL operating
SLAVE mode
40
400
kHz
frequency
tBUF
Bus free time between start
4.7
µs
and stop
tHD(START)
Hold time after (repeated)
4.0
µs
start
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: bq40z50-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com