Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9864BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9864BCPZ Datasheet HTML 1Page - Analog Devices AD9864BCPZ Datasheet HTML 2Page - Analog Devices AD9864BCPZ Datasheet HTML 3Page - Analog Devices AD9864BCPZ Datasheet HTML 4Page - Analog Devices AD9864BCPZ Datasheet HTML 5Page - Analog Devices AD9864BCPZ Datasheet HTML 6Page - Analog Devices AD9864BCPZ Datasheet HTML 7Page - Analog Devices AD9864BCPZ Datasheet HTML 8Page - Analog Devices AD9864BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9864
Rev. 0 | Page 4 of 44
AD9864 SPECIFICATIONS
Table 1. VDDI = VDDF = VDDA = VDDC = VDDL = VDDH = 2.7 V to 3.6 V, VDDQ = VDDP = 2.7 V to 5.5 V, fCLK = 18 MSPS,
fIF = 109.65 MHz, fLO = 107.4 MHz, fREF = 16.8 MHz, unless otherwise noted. Standard operating mode: VGA at minimum attenuation
setting, synthesizers in normal (not fast acquire) mode, decimation factor = 900, 16-bit digital output, and 10 pF load on SSI output pins.
Parameter
Temperature
Test Level
Min
Typ
Max
Unit
SYSTEM DYNAMIC PERFORMANCE1
SSB Noise Figure @ Minimum VGA Attenuation2, 3
Full
IV
7.5
9.5
dB
@ Maximum VGA Attenuation2,3
Full
IV
13
dB
Dynamic Range with AGC Enabled2,3
Full
IV
91
95
dB
IF Input Clip Point @ Maximum VGA Attenuation3
Full
IV
–20
–19
dBm
@ Minimum VGA Attenuation3
Full
IV
–32
–31
dBm
Input Third Order Intercept (IIP3)
Full
IV
–12
–7.0
dBm
Gain Variation over Temperature
Full
IV
0.7
2
dB
LNA + MIXER
Maximum RF and LO Frequency Range
Full
IV
300
500
MHz
LNA Input Impedance
25°C
V
370||1.4
Ω||pF
Mixer LO Input Resistance
25°C
V
1
k
Ω
LO SYNTHESIZER
LO Input Frequency
Full
IV
7.75
300
MHz
LO Input Amplitude
Full
IV
0.3
2.0
V p-p
FREF Frequency (for Sinusoidal Input Only)
Full
IV
8
25
MHz
FREF Input Amplitude
Full
IV
0.3
3
V p-p
FREF Slew Rate
Full
IV
7.5
V/µs
Minimum Charge Pump Current @ 5 V4
Full
VI
0.67
mA
Maximum Charge Pump Current @ 5 V4
Full
VI
5.3
mA
Charge Pump Output Compliance5
Full
VI
0.4
VDDP – 0.4
V
Synthesizer Resolution
Full
IV
6.25
kHz
CLOCK SYNTHESIZER
CLK Input Frequency
Full
IV
13
26
MHz
CLK Input Amplitude
Full
IV
0.3
VDDC
V p-p
Minimum Charge Pump Output Current4
Full
VI
0.67
mA
Maximum Charge Pump Output Current4
Full
VI
5.3
mA
Charge Pump Output Compliance5
Full
VI
0.4
VDDQ – 0.4
V
Synthesizer Resolution
Full
VI
2.2
kHz
Σ-∆ ADC
Resolution
Full
IV
16
24
Bits
Clock Frequency (fCLK)
Full
IV
13
26
MHz
Center Frequency
Full
V
fCLK/8
MHz
Pass-Band Gain Variation
Full
IV
1.0
dB
Alias Attenuation
Full
IV
80
dB
GAIN CONTROL
Programmable Gain Step
Full
V
16
dB
AGC Gain Range
Full
V
12
dB
GCP Output Resistance
Full
IV
50
72.5
95
k
Ω
1 This includes 0.9 dB loss of matching network.
2 AGC with DVGA enabled.
3 Measured in 10 kHz bandwidth.
4 Programmable in 0.67 mA steps.
5 Voltage span in which LO (or CLK) charge pump output current is maintained within 5% of nominal value of VDDP/2 (or VDDQ/2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com