Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9864BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9864BCPZ
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9864BCPZ Datasheet HTML 22Page - Analog Devices AD9864BCPZ Datasheet HTML 23Page - Analog Devices AD9864BCPZ Datasheet HTML 24Page - Analog Devices AD9864BCPZ Datasheet HTML 25Page - Analog Devices AD9864BCPZ Datasheet HTML 26Page - Analog Devices AD9864BCPZ Datasheet HTML 27Page - Analog Devices AD9864BCPZ Datasheet HTML 28Page - Analog Devices AD9864BCPZ Datasheet HTML 29Page - Analog Devices AD9864BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
AD9864
FREQUENCY (MHz)
500
100
400
600
200
0
550
450
150
50
350
300
350
300
250
Table 13. SPI Registers Associated with CLK Synthesizer
Address
(Hex)
Bit
Breakdown
Width
Default
Value
Name
0x00
(7:0)
8
0xFF
STBY
0x01
(3:2)
2
0
CKOB
0x10
(5:0)
6
00
CKR (13:8)
0x11
(7:0)
8
0x38
CKR (7:0)
0x12
(4:0)
5
0x00
CKN (12:8)
0x13
(7:0)
8
0x3C
CKN (7:0)
0x14
(6)
(5)
(4:2)
(1:0)
1
1
3
1
0
0
0
0
CKF
CKINV
CKI
CKTM
0x15
(3:0)
4
0x0
CKFA (13:8)
0x16
(7:0)
8
0x04
CKFA (7:0)
Figure 44. The Shunt Input Resistance vs.
the Frequency of the AD9864’s IF1 Input
FREQUENCY (MHz)
1.5
100
0.5
2.5
200
0
2.0
1.0
150
50
0
350
300
250
IF LNA/MIXER
The AD9864 contains a single-ended LNA followed by a Gil-
bert-type active mixer, shown in Figure 43 with the required
external components. The LNA uses negative shunt feedback to
set its input impedance at the IFIN pin, thus making it depend-
ent on the input frequency. It can be modeled as approximately
370 Ω||1.4 pF (±20%) below 100 MHz. Figure 44 and Figure 45
show the equivalent input impedance versus frequency charac-
teristics of the AD9864. The increase in shunt resistance versus
frequency can be attributed to the reduction in bandwidth, thus
the amount of negative feedback of the LNA. Note that the
input signal into IFIN should be ac-coupled via a 10 nF capaci-
tor since the LNA input is self-biasing.
Figure 45. The Shunt Capacitance vs. the Frequency of the AD9864’s IF1 Input
IFIN
RBIAS
VDDI
MXOP
LO INPUT =
0.3V p-p TO
1.0V p-p
DC SERVO
LOOP
MULTI-TANH
V–I STAGE
CXIF
MXON
CXVM
C
L
L
CXVL
2.7V TO 3.6V
RGAIN
RF
50
Ω
The mixer’s differential LO port is driven by the LO buffer
stage shown in Figure 43, which can be driven single-ended or
differential. Since it is self-biasing, the LO signal level can be
ac-coupled and range from 0.3 V p-p to 1.0 V p-p with negligi-
ble effect on performance. The mixer’s open-collector outputs,
MXOP and MXON, drive an external resonant tank consisting
of a differential LC network tuned to the IF of the band-pass
Σ-∆ ADC, i.e., fIF2_ADC = fCLK/8. The two inductors provide a dc
bias path for the mixer core via a series resistor of 50 Ω, which
is included to dampen the common-mode response. The
mixer’s output must be ac-coupled to the input of the band-
pass Σ-∆ ADC, IF2P, and IF2N via two 100 pF capacitors to
ensure proper tuning of the LC center frequency.
The external differential LC tank forms the resonant element for
the first resonator of the band-pass Σ-∆ modulator, and so must
be tuned to the fCLK/8 center frequency of the modulator. The
inductors should be chosen such that their impedance at fCLK/8 is
about 140, i.e., L = 180/fCLK. An accuracy of 20% is considered to
be adequate. For example, at fCLK = 18 MHz, L = 10 µH is a good
choice. Once the inductors have been selected, the required tank
capacitance may be calculated using the relation
Figure 43. Simplified Schematic of AD9864’s LNA/Mixer
Rev. 0 | Page 26 of 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com