Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3285ESS Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ3285ESS
Description  Real-Time Clock (RTC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ3285ESS Datasheet(HTML) 2 Page - Texas Instruments

  BQ3285ESS Datasheet HTML 1Page - Texas Instruments BQ3285ESS Datasheet HTML 2Page - Texas Instruments BQ3285ESS Datasheet HTML 3Page - Texas Instruments BQ3285ESS Datasheet HTML 4Page - Texas Instruments BQ3285ESS Datasheet HTML 5Page - Texas Instruments BQ3285ESS Datasheet HTML 6Page - Texas Instruments BQ3285ESS Datasheet HTML 7Page - Texas Instruments BQ3285ESS Datasheet HTML 8Page - Texas Instruments BQ3285ESS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Block Diagram
Pin Descriptions
MOT
Bus type select input
MOT selects bus timing for either Motorola
or Intel architecture.
This pin should be
tied to VCC for Motorola timing or to VSS for
Intel timing (see Table 1).
The setting
should not be changed during system opera-
tion.
MOT is internally pulled low by a
30K
Ω resistor.
AD0–AD7
Multiplexed address/data input/
output
The bq3285E/L bus cycle consists of two
phases: the address phase and the data-
transfer phase.
The address phase pre-
cedes the data-transfer phase. During the
address phase, an address placed on
AD0–AD7 and EXTRAM is latched into the
bq3285E/L on the falling edge of the AS sig-
nal. During the data-transfer phase of the
bus cycle, the AD0–AD7 pins serve as a bidi-
rectional data bus.
AS
Address strobe input
AS serves to demultiplex the address/data
bus. The falling edge of AS latches the ad-
dress on AD0–AD7 and EXTRAM. This de-
multiplexing process is independent of the
CS signal. For DIP and SOIC packages with
MOT=VSS, the AS input is provided a signal
similar to ALE in an Intel-based system.
2
Bus
Type
MOT
Level
DS
Equivalent
R/W
Equivalent
AS
Equivalent
Motorola
VCC
DS, E, or
Φ2
R/W
AS
Intel
VSS
RD,
MEMR, or
I/OR
WR,
MEMW, or
I/OW
ALE
Table 1. Bus Setup
bq3285E/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com