Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3285ESS Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ3285ESS
Description  Real-Time Clock (RTC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ3285ESS Datasheet(HTML) 5 Page - Texas Instruments

  BQ3285ESS Datasheet HTML 1Page - Texas Instruments BQ3285ESS Datasheet HTML 2Page - Texas Instruments BQ3285ESS Datasheet HTML 3Page - Texas Instruments BQ3285ESS Datasheet HTML 4Page - Texas Instruments BQ3285ESS Datasheet HTML 5Page - Texas Instruments BQ3285ESS Datasheet HTML 6Page - Texas Instruments BQ3285ESS Datasheet HTML 7Page - Texas Instruments BQ3285ESS Datasheet HTML 8Page - Texas Instruments BQ3285ESS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Programming the RTC
The time-of-day, alarm, and calendar bytes can be writ-
ten in either the BCD or binary format (see Table 2).
These steps may be followed to program the time, alarm,
and calendar:
1.
Modify the contents of register B:
a.
Write a 1 to the UTI bit to prevent trans-
fers between RTC bytes and user buffer.
b.
Write the appropriate value to the data
format (DF) bit to select BCD or binary
format for all time, alarm, and calendar
bytes.
c.
Write the appropriate value to the hour
format (HF) bit.
2.
Write new values to all the time, alarm, and
calendar locations.
3.
Clear the UTI bit to allow update transfers.
On the next update cycle, the RTC updates all 10 bytes
in the selected format.
5
Address
RTC Bytes
Range
Decimal
Binary
Binary-Coded
Decimal
0
Seconds
0–59
00H–3BH
00H–59H
1
Seconds alarm
0–59
00H–3BH
00H–59H
2
Minutes
0–59
00H–3BH
00H–59H
3
Minutes alarm
0–59
00H–3BH
00H–59H
4
Hours, 12-hour format
1–12
01H–OCH AM;
81H–8CH PM
01H–12H AM;
81H–92H PM
Hours, 24-hour format
0–23
00H–17H
00H–23H
5
Hours alarm, 12-hour format
1–12
01H–OCH AM;
81H–8CH PM
01H–12H AM;
81H–92H PM
Hours alarm, 24-hour format
0–23
00H–17H
00H–23H
6
Day of week (1=Sunday)
1–7
01H–07H
01H–07H
7
Day of month
1–31
01H–1FH
01H–31H
8
Month
1–12
01H–0CH
01H–12H
9
Year
0–99
00H–63H
00H–99H
Table 2. Time, Alarm, and Calendar Formats
bq3285E/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com