Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF366 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF366 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90CF366 Datasheet HTML 3Page - Texas Instruments DS90CF366 Datasheet HTML 4Page - Texas Instruments DS90CF366 Datasheet HTML 5Page - Texas Instruments DS90CF366 Datasheet HTML 6Page - Texas Instruments DS90CF366 Datasheet HTML 7Page - Texas Instruments DS90CF366 Datasheet HTML 8Page - Texas Instruments DS90CF366 Datasheet HTML 9Page - Texas Instruments DS90CF366 Datasheet HTML 10Page - Texas Instruments DS90CF366 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
DS90CF366, DS90CF386
www.ti.com
SNLS055J – NOVEMBER 1999 – REVISED MAY 2016
Product Folder Links: DS90CF366 DS90CF386
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC
–0.3
4
V
CMOS/LVCMOS output voltage
–0.3
VCC + 0.3
V
LVDS receiver input voltage
–0.3
VCC + 0.3
V
Power dissipation capacity at 25°C
DS90CF366, TSSOP package
1.61
W
DS90CF386
TSSOP package
1.89
NFBGA package
2
Lead temperature
TSSOP soldering (4 s)
260
°C
NFBGA soldering, reflow (20 s)
220
Operating junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±7000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±700
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
Receiver input
0
2.4
V
VNOISE
Supply noise voltage
100
mVPP
TA
Operating free-air temperature
–10
25
70
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
DS90CF366
DS90CF386
UNIT
DGG (TSSOP)
DGG (TSSOP)
NZC (NFBGA)
48 PINS
56 PINS
64 PINS
RθJA
Junction-to-ambient thermal resistance
67.8
64.6
65.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.1
20.6
23.8
°C/W
RθJB
Junction-to-board thermal resistance
34.8
33.3
44.9
°C/W
ψJT
Junction-to-top characterization parameter
1.1
1
1
°C/W
ψJB
Junction-to-board characterization parameter
34.5
33
44.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com