Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90CF366 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DS90CF366
Description  DS90CF3x6 3.3-V LVDS Receiver 24-Bit Or 18-Bit Flat Panel Display (FPD) Link, 85 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90CF366 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DS90CF366 Datasheet HTML 4Page - Texas Instruments DS90CF366 Datasheet HTML 5Page - Texas Instruments DS90CF366 Datasheet HTML 6Page - Texas Instruments DS90CF366 Datasheet HTML 7Page - Texas Instruments DS90CF366 Datasheet HTML 8Page - Texas Instruments DS90CF366 Datasheet HTML 9Page - Texas Instruments DS90CF366 Datasheet HTML 10Page - Texas Instruments DS90CF366 Datasheet HTML 11Page - Texas Instruments DS90CF366 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
DS90CF366, DS90CF386
SNLS055J – NOVEMBER 1999 – REVISED MAY 2016
www.ti.com
Product Folder Links: DS90CF366 DS90CF386
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
(1)
Typical values are given for VCC = 3.3 V and TA = 25°C.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground
unless otherwise specified (except VOD and ΔV OD).
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVCMOS DC SPECIFICATIONS
VIH
High level input voltage
2
VCC
V
VIL
Low level input voltage
GND
0.8
V
VOH
High level output voltage
IOH = –0.4 mA
2.7
3.3
V
VOL
Low level output voltage
IOL = 2 mA
0.06
0.3
V
VCL
Input clamp voltage
ICL = –18 mA
–0.79
–1.5
V
IIN
Input current
VIN = 0.4 V, 2.5 V or VCC
1.8
15
uA
VIN = GND
–10
0
uA
IOS
Output short circuit current
VOUT = 0 V
–60
–120
mA
LVDS RECEIVER DC SPECIFICATIONS
VTH
Differential input high threshold
V CM = 1.2 V
100
mV
VTL
Differential input low threshold
–100
mV
I IN
Input current
V IN = 2.4 V, VCC = 3.6 V
±10
μA
V IN = 0 V, VCC = 3.6 V
±10
μA
RECEIVER SUPPLY CURRENT
ICCRW
Receiver supply current
worst case
CL = 8 pF, worst case pattern,
DS90CF386, see Figure 1 and
Figure 4
f = 32.5 MHz
49
70
mA
f = 37.5 MHz
53
75
mA
f = 65 MHz
81
114
mA
f = 85 MHz
96
135
mA
CL = 8 pF, worst case pattern,
DS90CF366, see Figure 1 and
Figure 4
f = 32.5 MHz
49
60
mA
f = 37.5 MHz
53
65
mA
f = 65 MHz
78
100
mA
f = 85 MHz
90
115
mA
ICCRG
Receiver supply current,
16 grayscale
CL = 8 pF, 16 grayscale pattern,
see Figure 2, Figure 3, and
Figure 4
f = 32.5 MHz
28
45
mA
f = 37.5 MHz
30
47
mA
f = 65 MHz
43
60
mA
f = 85 MHz
43
70
mA
ICCRZ
Receiver supply current
power down(2)
Power Down = low receiver outputs stay low during
power down mode
140
400
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com