Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADCS7477
Description  1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS7477 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button ADCS7477 Datasheet HTML 14Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 15Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 16Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 17Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 18Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 19Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 20Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 21Page - National Semiconductor (TI) ADCS7477 Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Applications Information (Continued)
10.0 EXITING SHUTDOWN MODE
To exit shutdown mode, bring CS back low. Upon bringing
CS low, the ADCS7476/77/78 will begin powering up. Power
up typically takes 1 µs. This microsecond of power-up delay
results in the first conversion result being unusable. The
second conversion performed after power-up, however, is
valid, as shown in Figure 11.
If CS is brought back high before the 10th falling edge of
SCLK, the device will return to shutdown mode. This is done
to avoid accidentally entering normal mode as a result of
noise on the CS line. To exit shutdown mode and remain in
normal mode, CS must be kept low until after the 10th falling
edge
of
SCLK.
The
ADCS7476/77/78
will
be
fully
powered-up after 16 SCLK cycles.
11.0 POWER-UP TIMING
The ADCS7476/77/78 typically requires 1 µs to power up,
either after first applying V
DD, or after returning to normal
mode from shutdown mode. This corresponds to one
"dummy" conversion for any SCLK frequency within the
specifications in this document. After this first dummy con-
version, the ADCS7476/77/78 will perform conversions prop-
erly. Note that the t
QUIET time must still be included between
the first dummy conversion and the second valid conversion.
12.0 STARTUP MODE
When the V
DD supply is first applied, the ADCS7476/77/78
may power up in either of the two modes: normal or shut-
down. As such, one dummy conversion should be performed
after start-up, exactly as described in Section 11.0. The part
may then be placed into either normal mode or the shutdown
mode, as described in Sections 8.0 and 9.0.
13.0 POWER MANAGEMENT
When the ADCS7476/77/78 is operated continuously in nor-
mal mode, throughput up to 1 MSPS can be achieved. The
user may trade throughput for power consumption by simply
performing fewer conversions per unit time, and putting the
ADCS7476/77/78 into shutdown mode between conver-
sions. This method is not advantageous beyond 350 kSPS
throughput.
A plot of maximum power consumption versus throughput is
shown in Figure 12 below. To calculate the power consump-
tion for a given throughput, remember that each time the part
exits shutdown mode and enters normal mode, one dummy
conversion is required. Generally, the user will put the part
into normal mode, execute one dummy conversion followed
by one valid conversion, and then put the part back into
shutdown mode. When this is done, the fraction of time
spent in normal mode may be calculated by multiplying the
throughput (in samples per second) by 2 µs, the time taken
to perform one dummy and one valid conversion. The power
consumption can then be found by multiplying the fraction of
time spent in normal mode by the normal mode power
consumption figure. The power dissipated while the part is in
shutdown mode is negligible.
For example, to calculate the power consumption at 300
kSPS with V
DD = 5V, begin by calculating the fraction of time
spent in normal mode: 300,000 samples/second·2µs= 0.6,
or 60%. The power consumption at 300 kSPS is then 60% of
17.5 mW (the maximum power consumption at V
DD = 5V) or
10.5 mW.
20057716
FIGURE 10. Entering Shutdown Mode
20057717
FIGURE 11. Entering Normal Mode
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com